Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N5191 Datasheet(PDF) 3 Page - STMicroelectronics

Part # 2N5191
Description  NPN power transistors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2N5191 Datasheet(HTML) 3 Page - STMicroelectronics

  2N5191 Datasheet HTML 1Page - STMicroelectronics 2N5191 Datasheet HTML 2Page - STMicroelectronics 2N5191 Datasheet HTML 3Page - STMicroelectronics 2N5191 Datasheet HTML 4Page - STMicroelectronics 2N5191 Datasheet HTML 5Page - STMicroelectronics 2N5191 Datasheet HTML 6Page - STMicroelectronics 2N5191 Datasheet HTML 7Page - STMicroelectronics 2N5191 Datasheet HTML 8Page - STMicroelectronics 2N5191 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
2N5191 2N5192
Electrical characteristics
3/9
2
Electrical characteristics
(Tcase = 25°C unless otherwise specified)
Note (1) Pulsed duration = 300
µs, duty cycle ≤1.5%
Table 3.
Electrical characteristics
Symbol
Parameter
Test Conditions
Min.
Typ. Max. Unit
ICBO
Collector cut-off current
(IE = 0)
VCB = rated VCBO
0.1
mA
ICEX
Collector cut-off current
(VBE = -1.5V)
VCE = rated VCEO
VCE = rated VCEO Tc=125°C
0.1
2
mA
mA
ICEO
Collector cut-off current
(IB = 0)
VCE = rated VCEO
1mA
IEBO
Emitter cut-off current
(IC = 0)
VEB = 5V
1mA
VCEO(sus) (1)
Collector-emitter
sustaining voltage
(IB = 0)
IC =100mA
for 2N5191
for 2N5192
60
80
V
V
VCE(sat) (1) Collector-emitter
saturation voltage
IC = 1.5A _ IB = 0.15A
IC = 4A
_ IB = 1A
0.6
1.4
V
V
VBE (1)
Base-emitter voltage
IC = 1.5A _ _ VCE = 2V
1.2
V
hFE
DC current gain
IC = 1.5A _ _ VCE =2V
for 2N5191
for 2N5192
IC =4A
VCE =2V
for 2N5191
for 2N5192
25
20
10
7
100
80



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com