Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2STR1215 Datasheet(PDF) 4 Page - STMicroelectronics

Part # 2STR1215
Description  Low voltage fast-switching NPN power transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2STR1215 Datasheet(HTML) 4 Page - STMicroelectronics

  2STR1215 Datasheet HTML 1Page - STMicroelectronics 2STR1215 Datasheet HTML 2Page - STMicroelectronics 2STR1215 Datasheet HTML 3Page - STMicroelectronics 2STR1215 Datasheet HTML 4Page - STMicroelectronics 2STR1215 Datasheet HTML 5Page - STMicroelectronics 2STR1215 Datasheet HTML 6Page - STMicroelectronics 2STR1215 Datasheet HTML 7Page - STMicroelectronics 2STR1215 Datasheet HTML 8Page - STMicroelectronics 2STR1215 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Electrical characteristics
2STR1215
4/10
2
Electrical characteristics
(Tcase = 25°C unless otherwise specified)
1.
Pulsed duration = 300 µs, duty cycle
≤1.5%
Table 4.
Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ICBO
Collector cut-off current
(IE =0)
VCB = 15 V
0.1
µA
IEBO
Emitter cut-off current
(IC =0)
VEB = 4 V
0.1
µA
V(BR)CBO
Collector-base
breakdown voltage
(IE = 0)
IC = 100 µA
15
V
V(BR)CEO
(1)
Collector-emitter
breakdown voltage
(IB = 0)
IC = 10 mA
15
V
V(BR)EBO
Emitter-base breakdown
voltage (IC = 0)
IE = 100 µA
5V
VCE(sat)
(1)
Collector-emitter
saturation voltage
IC = 0.1 A
IB = 1mA
IC = 1 A
IB = 100 mA
IC = 2 A
IB = 200 mA
0.25
0.4
0.15
0.5
0.85
V
V
V
VBE(sat)
(1)
Base-emitter saturation
voltage
IC = 1 A
IB = 100 mA
0.9
1.25
V
hFE
(1)
DC current gain
IC = 50 mA
VCE = 2 V
IC = 0.5 A
VCE = 2 V
IC = 1 A
VCE = 2 V
IC = 2 A
VCE = 2 V
200
200
130
80
280
560
CCBO
Collector-base
capacitance (IE = 0 )
VCB = 10 V
f = 1 MHz
16
pF
ton
toff
Resistive load
Turn-on time
Turn-off time
IC = 1.5 A
VCC = 10 V
IB1 = -IB2 = 150 mA
60
310
ns
ns



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com