Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2STW4466 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 2STW4466
Description  High power NPN epitaxial planar bipolar transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2STW4466 Datasheet(HTML) 1 Page - STMicroelectronics

  2STW4466 Datasheet HTML 1Page - STMicroelectronics 2STW4466 Datasheet HTML 2Page - STMicroelectronics 2STW4466 Datasheet HTML 3Page - STMicroelectronics 2STW4466 Datasheet HTML 4Page - STMicroelectronics 2STW4466 Datasheet HTML 5Page - STMicroelectronics 2STW4466 Datasheet HTML 6Page - STMicroelectronics 2STW4466 Datasheet HTML 7Page - STMicroelectronics 2STW4466 Datasheet HTML 8Page - STMicroelectronics 2STW4466 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
September 2008
Rev 2
1/9
9
2STW4466
High power NPN epitaxial planar bipolar transistor
Features
High breakdown voltage VCEO = 80 V
Complementary to 2STW1693
Typical ft = 20 MHz
Fully characterized at 125 oC
Applications
Audio power amplifier
Description
The device is a NPN transistor manufactured in
low voltage planar technology using base island
layout. The resulting transistor shows good gain
linearity coupled with low VCE(sat) behaviour.
Recommended for 40 W to 70 W high fidelity
audio frequency amplifier output stage.
Table 1.
Device summary
Figure 1.
Internal schematic diagram
TO-247
1
2
3
Order code
Marking
Package
Packaging
2STW4466
2STW4466
TO-247
Tube
www.st.com


Similar Part No. - 2STW4466

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2STW4466 STMICROELECTRONICS-2STW4466 Datasheet
224Kb / 10P
High power NPN epitaxial planar bipolar transistor
11-Oct-2007
More results

Similar Description - 2STW4466

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2STW4468 STMICROELECTRONICS-2STW4468 Datasheet
190Kb / 9P
High power NPN epitaxial planar bipolar transistor
20-Feb-2007
2ST5949 STMICROELECTRONICS-2ST5949 Datasheet
144Kb / 8P
High power NPN epitaxial planar bipolar transistor
05-May-2008
2STC5948 STMICROELECTRONICS-2STC5948 Datasheet
160Kb / 8P
High power NPN epitaxial planar bipolar transistor
06-May-2008
2STC4467 STMICROELECTRONICS-2STC4467 Datasheet
96Kb / 7P
High power NPN epitaxial planar bipolar transistor
30-Apr-2008
2STC5242 STMICROELECTRONICS-2STC5242 Datasheet
185Kb / 9P
High power NPN epitaxial planar bipolar transistor
14-Jul-2008
2STC5949 STMICROELECTRONICS-2STC5949 Datasheet
144Kb / 8P
High power NPN epitaxial planar bipolar transistor
11-Jul-2008
2STW4466 STMICROELECTRONICS-2STW4466 Datasheet
224Kb / 10P
High power NPN epitaxial planar bipolar transistor
11-Oct-2007
2ST5949_0807 STMICROELECTRONICS-2ST5949_0807 Datasheet
145Kb / 8P
High power NPN epitaxial planar bipolar transistor
11-Jul-2008
2STW4468 STMICROELECTRONICS-2STW4468_08 Datasheet
163Kb / 9P
High power NPN epitaxial planar bipolar transistor
13-Oct-2008
2SC5200 STMICROELECTRONICS-2SC5200 Datasheet
157Kb / 8P
High power NPN epitaxial planar bipolar transistor
28-Sep-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com