Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS20L40CT Datasheet(PDF) 6 Page - STMicroelectronics

Part # STPS20L40CT
Description  LOW DROP POWER SCHOTTKY RECTIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS20L40CT Datasheet(HTML) 6 Page - STMicroelectronics

  STPS20L40CT Datasheet HTML 1Page - STMicroelectronics STPS20L40CT Datasheet HTML 2Page - STMicroelectronics STPS20L40CT Datasheet HTML 3Page - STMicroelectronics STPS20L40CT Datasheet HTML 4Page - STMicroelectronics STPS20L40CT Datasheet HTML 5Page - STMicroelectronics STPS20L40CT Datasheet HTML 6Page - STMicroelectronics STPS20L40CT Datasheet HTML 7Page - STMicroelectronics STPS20L40CT Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
STPS20L40CF/CW/CT/CFP
6/8
PACKAGE MECHANICAL DATA
TO-220FPAB
H
L3
L2
L4
L6
G
G1
F
F1
D
E
L7
A
B
Dia
F2
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A
4.4
4.9
0.173
0.193
B
2.5
2.9
0.098
0.114
D
2.45
2.75
0.096
0.108
E
0.4
0.70
0.016
0.027
F
0.60
1
0.024
0.039
F1
1.15
1.70
0.045
0.067
F2
1.15
1.70
0.045
0.067
G
4.95
5.20
0.195
0.204
G1
2.40
2.70
0.094
0.106
H
10
10.7
0.393
0.421
L2
16 Typ.
0.63 Typ.
L3
28.6
30.6
1.126
1.204
L4
9.8
10.7
0.385
0.421
L6
15.8
16.4
0.621
0.645
L7
9.00
9.90
0.354
0.389
Dia.
2.9
3.50
0.114
0.18
s
Cooling method : C
s
Recommended torque value : 0.55 m.N
s
Maximum torque value : 0.70 m.N



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com