Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33887 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # 33887
Description  5.0 A H-Bridge with Load Current Feedback
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33887 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  33887 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33887 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33887 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33887 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33887 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33887 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33887 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33887 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33887 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
Analog Integrated Circuit Device Data
2
Freescale Semiconductor
33887
INTERNAL BLOCK DIAGRAM
INTERNAL BLOCK DIAGRAM
Figure 2. 33887 Simplified Internal Block Diagram
OUT1
OUT2
PGND
AGND
CCP
VPWR
EN
IN1
IN2
D1
D2
FS
FB
CHARGE PUMP
CURRENT
LIMIT,
OVERCURRENT
SENSE &
FEEDBACK
CIRCUIT
UNDERVOLTAGE
OVER
CONTROL
LOGIC
TEMPERATURE
GATE
DRIVE
5.0 V
REGULATOR
25
μA
8
μA
(EACH)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com