Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33975 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # 33975
Description  Multiple Switch Detection Interface with Suppressed Wake-up and 32mA Wetting Current
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33975 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button 33975_08 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33975_08 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33975_08 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33975_08 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33975_08 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33975_08 Datasheet HTML 22Page - Freescale Semiconductor, Inc 33975_08 Datasheet HTML 23Page - Freescale Semiconductor, Inc 33975_08 Datasheet HTML 24Page - Freescale Semiconductor, Inc 33975_08 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
21
33975
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
EXAMPLE OF NORMAL MODE OPERATION
The operation of the device in Normal Mode is defined by
the states of the programmable internal control registers. A
typical application may have the following settings:
• Programmable switch – set to switch-to-ground
• All inputs set as wake-up
• Wetting current on (32mA)
• Wetting current timer on (20ms)
• All inputs tri-state-disabled (comparator is active)
• Analog select 00000 (no input channel selected)
With the device programmed as above, an interrupt will be
generated with each switch contact change of state (open-to-
close or close-to-open) and 32mA of contact wetting current
will be source for 20ms. The INT pin will remain low until
switch status is acknowledged by the microprocessor. It is
critical to understand INT will not be cleared on the rising
edge of CS if a switch closure occurs while the CS is low. The
maximum duration a switch state change can exist without
acknowledgement depends on the software response time to
the interrupt. Figure 6, page 11, shows the interaction
between changing input states and the INT and CS pins.
If desired the user may disable interrupts (wake-up/
interrupt command) from the 33975 device and read the
switch states on a periodic basis. Switch activation and
deactivation faster than the MCU read rate will not be
acknowledged.
Wetting Current Timer
Enable Command
Timer ON = 1
Timer OFF = 0
(Default state = 1)
000001
1
1
XXXXXX
XX
SP7
SP6
SP5
SP4
SP3
SP2
SP1
SP0
000010
0
0
X
X
SG13 SG12 SG11 SG10 SG9 SG8 SG7 SG6 SG5 SG4 SG3 SG2 SG1 SG0
Tri-state Command
Input Tri-state=1
Input Active = 0
000010
0
1
XXXXXX
XX
SP7
SP6
SP5
SP4
SP3
SP2
SP1
SP0
000010
1
0
X
X
SG13 SG12 SG11 SG10 SG9 SG8 SG7 SG6 SG5 SG4 SG3 SG2 SG1 SG0
Calibration Command
(Default state -
uncalibrated)
000010
1
1
XXXXXX
XXXXX
XXXXX
Sleep Command
(See Sleep
Mode on page
22)
000011
0
0
XXXXXX
XXXX
int
timer
int
timer
int
timer
scan
timer
scan
timer
scan
timer
Reset Command
011111
1
1
XXXXXX
XXXXX
XXXXX
SO Response Will
Always Send
therm
flg
RST
flg
SP7
SP6
SP5
SP4
SP3
SP2
SP1
SP0 SG13 SG12 SG11 SG10 SG9 SG8 SG7 SG6 SG5 SG4 SG3 SG2 SG1 SG0
MSB
Command Bits
Setting Bits
LSBI
Table 16. Serial Output (SO) Bit Data
Type of Input
Input
Programmed
Voltage on
Input Pin
SO SPI Bit
SP
Switch to Ground
SPn < 4.0V
1
Switch to Ground
SPn > 4.0V
0
Switch to Battery
SPn < 4.0V
0
Switch to Battery
SPn > 4.0V
1
SG
N/A
SGn < 4.0V
1
N/A
SGn > 4.0V
0
Table 17. Serial Output (SO) Response Register
SO Response Will
Always Send
therm
flg
RST
flg
SP7
SP6
SP5
SP4
SP3
SP2
SP1
SP0 SG13 SG12 SG11 SG10 SG9
SG8
SG7
SG6
SG5
SG4
SG3 SG2 SG1 SG0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com