Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMG3003NT1 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MMG3003NT1
Description  Heterojunction Bipolar Transistor Technology (InGaP HBT)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMG3003NT1 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MMG3003NT1 Datasheet HTML 1Page - Freescale Semiconductor, Inc MMG3003NT1 Datasheet HTML 2Page - Freescale Semiconductor, Inc MMG3003NT1 Datasheet HTML 3Page - Freescale Semiconductor, Inc MMG3003NT1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MMG3003NT1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MMG3003NT1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMG3003NT1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMG3003NT1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMG3003NT1 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
MMG3003NT1
1
RF Device Data
Freescale Semiconductor
MMG3003NT1
40-3600 MHz, 20 dB
24 dBm
InGaP HBT
Heterojunction Bipolar Transistor
Technology (InGaP HBT)
Broadband High Linearity Amplifier
The MMG3003NT1 is a General Purpose Amplifier that is internally
input matched and internally output prematched. It is designed for a broad
range of Class A, small -signal, high linearity, general purpose applica-
tions. It is suitable for applications with frequencies from 40 to 3600 MHz
such as Cellular, PCS, BWA, WLL, PHS, CATV, VHF, UHF, UMTS and
general small-signal RF.
Features
• Frequency: 40-3600 MHz
• P1dB: 24 dBm @ 900 MHz
• Small-Signal Gain: 20 dB @ 900 MHz
• Third Order Output Intercept Point: 40.5 dBm @ 900 MHz
• Single Voltage Supply
• Internally Matched to 50 Ohms
• Low Cost SOT-89 Surface Mount Package
• RoHS Compliant
• In Tape and Reel. T1 Suffix = 1000 Units per 12 mm, 7 inch Reel.
1 2
3
CASE 1514-02, STYLE 1
SOT-89
PLASTIC
Table 1. Typical Performance (1)
Characteristic
Symbol
900
MHz
2140
MHz
3500
MHz
Unit
Small -Signal Gain
(S21)
Gp
20
16.9
12
dB
Input Return Loss
(S11)
IRL
-15
-14.1
-11.2
dB
Output Return Loss
(S22)
ORL
-9.3
−14.5
-10.2
dB
Power Output @1dB
Compression
P1db
24
23.3
20.5
dBm
Third Order Output
Intercept Point
IP3
40.5
40
37
dBm
1. VCC = 6.2 Vdc, TC = 25°C, 50 ohm system
Table 2. Maximum Ratings
Rating
Symbol
Value
Unit
Supply Voltage
VCC
7
V
Supply Current
ICC
400
mA
RF Input Power
Pin
15
dBm
Storage Temperature Range
Tstg
-65 to +150
°C
Junction Temperature (2)
TJ
150
°C
2. For reliable operation, the junction temperature should not
exceed 150°C.
Table 3. Thermal Characteristics (VCC = 6.2 Vdc, ICC = 180 mA, TC = 25°C)
Characteristic
Symbol
Value (3)
Unit
Thermal Resistance, Junction to Case
RθJC
31.6
°C/W
3. Refer to AN1955, Thermal Measurement Methodology of RF Power Amplifiers. Go to http://www.freescale.com/rf.
Select Documentation/Application Notes - AN1955.
Document Number: MMG3003NT1
Rev. 7, 3/2008
Freescale Semiconductor
Technical Data
© Freescale Semiconductor, Inc., 2004-2008. All rights reserved.


Similar Part No. - MMG3003NT1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMG3003NT1 FREESCALE-MMG3003NT1 Datasheet
322Kb / 16P
Heterojunction Bipolar Transistor Technology (InGaP HBT) Broadband High Linearity Amplifier
MMG3003NT1 FREESCALE-MMG3003NT1 Datasheet
728Kb / 18P
Heterojunction Bipolar Transistor Technology
logo
NXP Semiconductors
MMG3003NT1 NXP-MMG3003NT1 Datasheet
640Kb / 17P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 9, 9/2014
logo
Freescale Semiconductor...
MMG3003NT1 FREESCALE-MMG3003NT1_12 Datasheet
728Kb / 18P
Heterojunction Bipolar Transistor Technology
More results

Similar Description - MMG3003NT1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMG3001NT1 FREESCALE-MMG3001NT1 Datasheet
297Kb / 15P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMG3014NT1 FREESCALE-MMG3014NT1 Datasheet
356Kb / 17P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
logo
NXP Semiconductors
MMG3005NT1 NXP-MMG3005NT1 Datasheet
456Kb / 20P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 9, 10/2014
MMG3006NT1 NXP-MMG3006NT1 Datasheet
478Kb / 24P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 6, 12/2017
MMG3012NT1 NXP-MMG3012NT1 Datasheet
423Kb / 14P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 8, 9/2014
MMG3H21NT1 NXP-MMG3H21NT1 Datasheet
367Kb / 14P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 3, 9/2014
MMG3001NT1 NXP-MMG3001NT1 Datasheet
388Kb / 14P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 9, 10/2014
MMG3015NT1 NXP-MMG3015NT1 Datasheet
389Kb / 14P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 4, 9/2014
MMZ09312B NXP-MMZ09312B Datasheet
1Mb / 28P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 2, 12/2014
MMZ25332B NXP-MMZ25332B Datasheet
640Kb / 19P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 2, 5/2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com