Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34830 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # 34830
Description  HD to SD Adjustable Bandwidth Video Buffer with DC Restore
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34830 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  34830 Datasheet HTML 1Page - Freescale Semiconductor, Inc 34830 Datasheet HTML 2Page - Freescale Semiconductor, Inc 34830 Datasheet HTML 3Page - Freescale Semiconductor, Inc 34830 Datasheet HTML 4Page - Freescale Semiconductor, Inc 34830 Datasheet HTML 5Page - Freescale Semiconductor, Inc 34830 Datasheet HTML 6Page - Freescale Semiconductor, Inc 34830 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34830 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34830 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Document Number: MC34830
Rev. 1.0, 9/2008
Freescale Semiconductor
Product Preview
© Freescale Semiconductor, Inc., 2008. All rights reserved.
*This document contains certain information on a product under development. Free-
scale reserves the right to change or discontinue this product without notice
HD to SD Adjustable Bandwidth
Video Buffer with DC Restore
The 34830 is a very high performance video buffer that can handle
HDTV bandwidths up to 1080p resolution. The integrated input clamp
works with all sync formats and all types of video signals. The 34830
includes an innovative capability to set the bandwidth to the optimum
trade-off of performance versus power dissipation. It can be adjusted
all the way from HD frequencies to SD frequencies while benefiting
from the lower power dissipation with lower bandwidths.
The 34830 can drive two standard video loads which are DC or AC
coupled. Input signals can be DC or AC coupled. For the DC coupled
case, the input sync should be close to ground. The 34830 can be
disabled, with shutdown current being 0.12
μA.
The 34830 is offered in an ultra thin UDFN package for space critical
applications. It operates on a single 3.0 to 5.5V supply over a -40°C to
85°C temperature range.
Features
• 1080p / UXGA to 480i / VGA video buffer with 6dB gain
• Integrated input clamp
• Adjustable BW to save power
• Handles CV, Y, C, Pb, Pr, R, G, B signals
• Drives two video loads
• Single supply operation
• 3.0 to 5.5V range
• Rail to rail output
• 0.3% dG / 0.3% d
θ for SD
• 0.6% THD for HD
•0.12
μA shutdown current
• Ultra thin UDFN package
• Pb-free packaging designated by suffix code EP
Applications
•
Cellular phones
•
DVD players
•
Portable Game Players, Set-top boxes
•
Laptop PCs, Desktop PCs,
•
Projectors, Digital Cameras, Camcorders, Portable
Media Players, Security Systems
Figure 1. 34830 Simplified Application Diagram
HD VIDEO BUFFER IC
EP SUFFIX (PB-FREE)
98ASA10819D
6-PIN UDFN
34830
ORDERING INFORMATION
Device
Temperature
Range (TA)
Package
PC34830EP/R2
-40°C to 85°C
6-UDFN
Bottom
View
34830
VCC
IN
ENABLE
OUT
RFREQ
GND
Video cable


Similar Part No. - 34830

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
34830-04XX MOLEX-34830-04XX Datasheet
1Mb / 3P
MX150 DUAL ROW R/A HEADER ASSEMBLY
16-Dec-2022
34830-06XX MOLEX-34830-06XX Datasheet
1Mb / 3P
MX150 DUAL ROW R/A HEADER ASSEMBLY
16-Dec-2022
34830-0801 MOLEX11-34830-0801 Datasheet
50Kb / 2P
MX150 2x4 Dual Row Right Angle Header, 8 Circuits, Polarization A, Black, Solder Tail
34830-0802 MOLEX11-34830-0802 Datasheet
45Kb / 2P
MX150 2x4 Dual Row Right Angle Header, 8 Circuits, Polarization B, Light Gray, Solder Tail
34830-0803 MOLEX11-34830-0803 Datasheet
45Kb / 2P
MX150 2x4 Dual Row Right Angle Header, 8 Circuits, Polarization C, Dark Gray, Solder Tail
More results

Similar Description - 34830

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GB4571 GENNUM-GB4571 Datasheet
149Kb / 5P
Video Buffer with Precision Strobed DC Restore
logo
Intersil Corporation
EL4390 INTERSIL-EL4390 Datasheet
216Kb / 12P
Triple 80MHz Video Amplifier with DC Restore
November 1994
logo
Gennum Corporation
GB4551 GENNUM-GB4551 Datasheet
140Kb / 5P
Video Buffer with Strobed DC Restore
GT4124 GENNUM-GT4124 Datasheet
149Kb / 5P
GT4124 Video Multiplier with Strobed DC Restore
logo
STMicroelectronics
TSH345 STMICROELECTRONICS-TSH345 Datasheet
163Kb / 14P
Triple video buffer with selectable filter for HD and SD video applications
May-2007
logo
New Japan Radio
NJM2583A NJRC-NJM2583A Datasheet
347Kb / 11P
6CH VIDEO AMPLIFIER WITH SD/ HD LPF
logo
STMicroelectronics
STV6437 STMICROELECTRONICS-STV6437 Datasheet
101Kb / 4P
Audio/video buffer and four-channel SD/PS/HD video filter
12-Aug-2011
STV6440 STMICROELECTRONICS-STV6440 Datasheet
101Kb / 4P
Audio/video buffer and 6-channel SD/PS/HD video filter
12-Aug-2011
logo
Gennum Corporation
GB4571-CKAE3 GENNUM-GB4571-CKAE3 Datasheet
64Kb / 5P
GB4571 Video Buffer with Precision Strobed DC Restore
logo
Renesas Technology Corp
EL4390 RENESAS-EL4390 Datasheet
790Kb / 12P
Triple 80MHz Video Amplifier with DC Restore
November 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com