Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA7360LR2 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MMA7360LR2
Description  짹1.5g, 짹6g Three Axis Low-g Micromachined Accelerometer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA7360LR2 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MMA7360LR2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MMA7360LR2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA7360LR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA7360LR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA7360LR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA7360LR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA7360LR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA7360LR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MMA7360LR2 Datasheet HTML 10Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Sensors
6
Freescale Semiconductor
MMA7360L
Top View
Side View
+Y
-Y
+X
+Z
-X
1
6
5432
13
12
11
10
9
8
14
7
-Z
: Arrow indicates direction of package movement.
14-Pin LGA Package
Side View
X
OUT
@ 0g = 1.65 V
Y
OUT
@ +1g = 2.45 V
Z
OUT
@ 0g = 1.65 V
X
OUT
@ +1g = 2.45 V
Y
OUT
@ 0g = 1.65 V
Z
OUT
@ 0g = 1.65 V
X
OUT
@ -1g = 0.85 V
Y
OUT
@ 0g = 1.65 V
Z
OUT
@0g=1.65V
1
6
5432
13
12
11
10
9
8
14
7
X
OUT
@ 0g = 1.65 V
Y
OUT
@ -1g = 0.85 V
Z
OUT
@ 0g = 1.65 V
Direction of Earth's gravity field.*
Top View
X
OUT
@ 0g = 1.65 V
Y
OUT
@ 0g = 1.65 V
Z
OUT
@ -1g = 0.85 V
X
OUT
@ 0g = 1.65 V
Y
OUT
@ 0g = 1.65 V
Z
OUT
@ +1g = 2.45 V
16
5
4
3
2
13 12 11 10 9
8
14
7
Top
Top
Bottom
Bottom
DYNAMIC ACCELERATION
STATIC ACCELERATION
* When positioned as shown, the Earth’s gravity will result in a positive 1g output.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com