Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC17531A Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MPC17531A
Description  700 mA Dual H-Bridge Motor Driver with 3.0 V Compatible Logic I/O
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC17531A Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MPC17531A Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC17531A Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC17531A Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC17531A Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC17531A Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC17531A Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC17531A Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC17531A Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC17531A Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
7
17531A
STATIC ELECTRICAL CHARACTERISTICS
CONTROL LOGIC
Logic Input Voltage
VIN
0
–
VDD
V
Logic Inputs (2.7 V < VDD < 3.3 V)
High-Level Input Voltage
Low-Level Input Voltage
High-Level Input Current
Low-Level Input Current
PSAVE Terminal Input Current Low
VIH
VIL
IIH
IIL
IIL-PSAVE
VDD x 0.7
–
–
-1.0
–
–
–
–
–
50
–
VDD x 0.3
1.0
–
100
V
V
µA
µA
µA
Table 4. Static Electrical Characteristics (continued)
Characteristics noted under conditions TA = 25°C, VDD = 3.0 V, VM = 5.0 V, GND = 0 V unless otherwise noted. Typical values
noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com