Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5200B Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # MPC5200B
Description  SDRAM / DDR Memory Controller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5200B Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button MPC5200B_08 Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC5200B_08 Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC5200B_08 Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC5200B_08 Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC5200B_08 Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC5200B_08 Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC5200B_08 Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC5200B_08 Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC5200B_08 Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 72 page
background image
MPC5200B Data Sheet, Rev. 3
Freescale Semiconductor
39
Figure 28. Ethernet Timing Diagram—MII Tx Signal
Figure 29. Ethernet Timing Diagram—MII Async
Table 32. MII Tx Signal Timing
Sym
Description
Min
Max
Unit
SpecID
t5
TX_CLK rising edge to TXD[3:0], TX_EN, TX_ER
invalid
5—
ns
A9.5
t6
TX_CLK rising edge to TXD[3:0], TX_EN, TX_ER valid
—
25
ns
A9.6
t7
TX_CLK pulse width high
35%
65%
TX_CLK Period(1)
1 The TX_CLK frequency shall be 25% of the nominal transmit frequency, e.g., a PHY operating at 100 Mb/s must provide
a TX_CLK frequency of 25 MHz and a PHY operating at 10 Mb/s must provide a TX_CLK frequency of 2.5 MHz. See
the IEEE 802.3 Specification.
A9.7
t8
TX_CLK pulse width low
35%
65%
TX_CLK Period(1)
A9.8
Table 33. MII Async Signal Timing
Sym
Description
Min
Max
Unit
SpecID
t9
CRS, COL minimum pulse width
1.5
—
TX_CLK Period
A9.9
t8
t7
t5
TX_CLK (Input)
TXD[3:0] (Outputs)
TX_EN
TX_ER
t6
t9
CRS, COL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com