Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS2L60 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPS2L60
Description  POWER SCHOTTKY RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS2L60 Datasheet(HTML) 2 Page - STMicroelectronics

  STPS2L60 Datasheet HTML 1Page - STMicroelectronics STPS2L60 Datasheet HTML 2Page - STMicroelectronics STPS2L60 Datasheet HTML 3Page - STMicroelectronics STPS2L60 Datasheet HTML 4Page - STMicroelectronics STPS2L60 Datasheet HTML 5Page - STMicroelectronics STPS2L60 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
STPS2L60/A
2/6
Symbol
Parameter
Value
Unit
Rth(j-l)
Junction to leads
Lead length = 10 mm
DO-41
30
°C/W
SMA
25
THERMAL RESISTANCES
Symbol
Parameter
Tests conditions
Min.
Typ.
Max.
Unit
IR *
Reverse leakage current
Tj = 25°C
VR = 60V
0.1
mA
Tj = 100°C
210
VF *
Forward voltage drop
Tj = 25°C
IF =2 A
0.60
V
Tj = 125°C
0.51
0.55
Tj = 25°C
IF =4 A
0.77
Tj = 125°C
0.62
0.67
Pulse test : * tp = 380 µs,
δ <2%
To evaluate the maximum conduction losses use the following equation:
P=0.43xIF(AV) +0.06xIF
2
(RMS)
STATIC ELECTRICAL CHARACTERISTICS
P
(W)
F(AV)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
I
(A)
F(AV)
δ = 1
δ = 0.5
δ = 0.2
δ = 0.1
δ = 0.05
T
δ=tp/T
tp
Fig. 1: Average forward power dissipation versus
average forward current.
I
(A)
F(AV)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
0
25
50
75
100
125
150
T
(°C)
amb
T
δ=tp/T
tp
R
=100°C/W
th(j-a)
R=R
th(j-a)
th(j-I)
DO-41
SMA
Fig. 2: Average forward current versus ambient
temperature (
δ = 0.5).



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com