Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS30150 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS30150
Description  HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS30150 Datasheet(HTML) 1 Page - STMicroelectronics

  STPS30150 Datasheet HTML 1Page - STMicroelectronics STPS30150 Datasheet HTML 2Page - STMicroelectronics STPS30150 Datasheet HTML 3Page - STMicroelectronics STPS30150 Datasheet HTML 4Page - STMicroelectronics STPS30150 Datasheet HTML 5Page - STMicroelectronics STPS30150 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1/6
STPS30150CT/CW/CFP
®
July 2003 - Ed: 6C
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
IF(AV)
2x15A
VRRM
150 V
Tj
175°C
VF (max)
0.75 V
MAIN PRODUCT CHARACTERISTICS
s
HIGH JUNCTION TEMPERATURE CAPABILITY
s
GOOD TRADE OFF BETWEEN LEAKAGE
CURRENT AND FORWARD VOLTAGE DROP
s
LOW LEAKAGE CURRENT
s
INSULATED PACKAGE: TO-220FPAB
Insulating voltage: 2000V DC
Capacitance: 45pF
s
AVALANCHE CAPABILITY SPECIFIED
FEATURES AND BENEFITS
Dual center tap schottky rectifier designed for
high
frequency
Switched
Mode
Power
Supplies.
DESCRIPTION
TO-220AB
STPS30150CT
K
A2
A1
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
150
V
IF(RMS)
RMS forward current
30
A
IF(AV)
Average forward current
δ = 0.5
TO-220FPAB Tc = 110°C
per diode
per device
15
A
TO-220AB
Tc = 155°C
TO-247
30
IFSM
Surge non repetitive forward current
tp = 10 ms sinusoidal
220
A
PARM
Repetitive peak avalanche power
tp = 1µs
Tj = 25°C
10500
W
Tstg
Storage temperature range
- 65 to + 175
°C
Tj
Maximum operating junction temperature *
175
°C
dV/dt
Critical rate of rise of reverse voltage
10000
V/µs
ABSOLUTE RATINGS (limiting values, per diode)
TO-247
STPS30150CW
A1
K
A2
A1
A2
K
A1
A2
K
TO-220FPAB
STPS30150CFP
*:
dPtot
dTj
Rth j
a
<
−
1
()
thermal runaway condition for a diode on its own heatsink


Similar Part No. - STPS30150

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS30150C STMICROELECTRONICS-STPS30150C Datasheet
103Kb / 7P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Feb-2004
STPS30150C STMICROELECTRONICS-STPS30150C Datasheet
566Kb / 16P
High voltage power Schottky rectifier
16-May-2017
STPS30150CFP STMICROELECTRONICS-STPS30150CFP Datasheet
103Kb / 7P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Feb-2004
logo
Inchange Semiconductor ...
STPS30150CFP ISC-STPS30150CFP Datasheet
291Kb / 2P
Schottky Barrier Rectifier
logo
STMicroelectronics
STPS30150CFP STMICROELECTRONICS-STPS30150CFP Datasheet
566Kb / 16P
High voltage power Schottky rectifier
16-May-2017
More results

Similar Description - STPS30150

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS10H100CT STMICROELECTRONICS-STPS10H100CT Datasheet
105Kb / 6P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Jul-2003
STPS2H100A STMICROELECTRONICS-STPS2H100A Datasheet
76Kb / 6P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Nov-1998
STPS80150CW STMICROELECTRONICS-STPS80150CW Datasheet
424Kb / 4P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Oct-2003
logo
Gamma Microelectronics ...
GMR20H125C GAMMA-GMR20H125C Datasheet
135Kb / 6P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
GMR20H200C GAMMA-GMR20H200C Datasheet
135Kb / 6P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
BCD Semiconductor Manuf...
MBR20100C BCDSEMI-MBR20100C Datasheet
506Kb / 9P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR20H100C BCDSEMI-MBR20H100C_10 Datasheet
1Mb / 11P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
Kersemi Electronic Co.,...
MBR20H100CT-E1 KERSEMI-MBR20H100CT-E1 Datasheet
4Mb / 10P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR30H100CT-E1 KERSEMI-MBR30H100CT-E1 Datasheet
4Mb / 10P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR20H100CTF-E1 KERSEMI-MBR20H100CTF-E1 Datasheet
4Mb / 10P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com