Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF19030LR3 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MRF19030LR3
Description  RF Power Field Effect Transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF19030LR3 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MRF19030LR3 Datasheet HTML 1Page - Freescale Semiconductor, Inc MRF19030LR3 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF19030LR3 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF19030LR3 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF19030LR3 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF19030LR3 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF19030LR3 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF19030LR3 Datasheet HTML 8Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
RF Device Data
Freescale Semiconductor
MRF19030LR3 MRF19030LSR3
Table 4. Electrical Characteristics (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Off Characteristics
Drain-Source Breakdown Voltage
(VGS = 0 Vdc, ID = 20 μA)
V(BR)DSS
65
—
—
Vdc
Zero Gate Voltage Drain Current
(VDS = 28 Vdc, VGS = 0 Vdc)
IDSS
—
—
1
μAdc
Gate-Source Leakage Current
(VGS = 5 Vdc, VDS = 0 Vdc)
IGSS
—
—
1
μAdc
On Characteristics
Gate Threshold Voltage
(VDS = 10 Vdc, ID = 100 μAdc)
VGS(th)
2
3
4
Vdc
Gate Quiescent Voltage
(VDS = 28 Vdc, ID = 300 mA)
VGS(Q)
2
3.3
4.5
Vdc
Drain-Source On-Voltage
(VGS = 10 Vdc, ID = 1 Adc)
VDS(on)
—
0.29
0.4
Vdc
Forward Transconductance
(VDS = 10 Vdc, ID = 1 Adc)
gfs
—
2
—
S
Dynamic Characteristics
Input Capacitance (Including Input Matching Capacitor in Package) (1)
(VDS = 26 Vdc, VGS = 0, f = 1 MHz)
Ciss
—
98.5
—
pF
Output Capacitance (1)
(VDS = 26 Vdc, VGS = 0, f = 1 MHz)
Coss
—
37
—
pF
Reverse Transfer Capacitance
(VDS = 26 Vdc, VGS = 0, f = 1 MHz)
Crss
—
1.3
—
pF
Functional Tests (In Freescale Test Fixture, 50 ohm system)
Two-Tone Common-Source Amplifier Power Gain
(VDD = 26 Vdc, Pout = 30 W PEP, IDQ = 300 mA,
f1 = 1960.0 MHz, f2 = 1960.1 MHz)
Gps
—
13
—
dB
Two-Tone Drain Efficiency
(VDD = 26 Vdc, Pout = 30 W PEP, IDQ = 300 mA,
f1 = 1960.0 MHz, f2 = 1960.1 MHz)
η
—
36
—
%
3rd Order Intermodulation Distortion
(VDD = 26 Vdc, Pout = 30 W PEP, IDQ = 300 mA,
f1 = 1960.0 MHz, f2 = 1960.1 MHz)
IMD
—
-31
—
dBc
Input Return Loss
(VDD = 26 Vdc, Pout = 30 W PEP, IDQ = 300 mA,
f1 = 1960.0 MHz, f2 = 1960.1 MHz)
IRL
—
-13
—
dB
Two-Tone Common-Source Amplifier Power Gain
(VDD = 26 Vdc, Pout = 30 W PEP, IDQ = 300 mA, f1 = 1930.0 MHz,
f2 = 1930.1 MHz and f1 = 1990.0 MHz, f2 = 1990.1 MHz)
Gps
12
13
—
dB
Two-Tone Drain Efficiency
(VDD = 26 Vdc, Pout = 30 W PEP, IDQ = 300 mA, f1 = 1930.0 MHz,
f2 = 1930.1 MHz and f1 = 1990.0 MHz, f2 = 1990.1 MHz)
η
33
36
—
%
3rd Order Intermodulation Distortion
(VDD = 26 Vdc, Pout = 30 W PEP, IDQ = 300 mA, f1 = 1930.0 MHz,
f2 = 1930.1 MHz and f1 = 1990.0 MHz, f2 = 1990.1 MHz)
IMD
—
-31
-28
dBc
Input Return Loss
(VDD = 26 Vdc, Pout = 30 W PEP, IDQ = 300 mA, f1 = 1930.0 MHz,
f2 = 1930.1 MHz and f1 = 1990.0 MHz, f2 = 1990.1 MHz)
IRL
—
-13
-9
dB
1. Part is internally matched both on input and output.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com