Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS30H100CW Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS30H100CW
Description  HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS30H100CW Datasheet(HTML) 1 Page - STMicroelectronics

  STPS30H100CW Datasheet HTML 1Page - STMicroelectronics STPS30H100CW Datasheet HTML 2Page - STMicroelectronics STPS30H100CW Datasheet HTML 3Page - STMicroelectronics STPS30H100CW Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
STPS30H100CW
®
July 1999 - Ed: 3D
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
IF(AV)
2 x 15 A
VRRM
100 V
Tj (max)
175 °C
VF (max)
0.67 V
MAIN PRODUCT CHARACTERISTICS
NEGLIGIBLE SWITCHING LOSSES
LOW LEAKAGE CURRENT
GOOD TRADE OFF BETWEEN LEAKAGE
CURRENT AND FORWARD VOLTAGE DROP
LOW THERMAL RESISTANCE
AVALANCHE RATED
FEATURES AND BENEFITS
Dual center tap Schottky rectifier suited for
Switch Mode Power Supplies and high fre-
quency DC to DC converters.
Packaged in TO-247, this device is intended
for use in high frequency inverters.
DESCRIPTION
TO-247
A1
K1
A2
A1
A2
K
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
100
V
IF(RMS)
RMS forward current
30
A
IF(AV)
Average forward current
Tc = 155°C
δ = 0.5
Per diode
Per device
15
30
A
IFSM
Surge non repetitive forward current
tp = 10 ms sinusoidal
250
A
IRRM
Repetitive peak reverse current
tp = 2
µs square F = 1kHz
1
A
IRSM
Non repetitive peak reverse current
tp = 100
µs square
3
A
Tstg
Storage temperature range
- 65 to + 175
°C
Tj
Maximum operating junction temperature *
175
°C
dV/dt
Critical rate of rise of reverse voltage
10000
V/
µs
ABSOLUTE RATINGS (limiting values, per diode)
* :
dPtot
dTj
<
1
Rth
(j−a)
thermal runaway condition for a diode on its own heatsink
1/4


Similar Part No. - STPS30H100CW

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS30H100CW STMICROELECTRONICS-STPS30H100CW Datasheet
66Kb / 5P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Jul-2003
STPS30H100CW STMICROELECTRONICS-STPS30H100CW Datasheet
239Kb / 12P
100 V power Schottky rectifier
01-Jun-2018
logo
Inchange Semiconductor ...
STPS30H100CW ISC-STPS30H100CW Datasheet
284Kb / 2P
Schottky Barrier Rectifiers
More results

Similar Description - STPS30H100CW

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS10H100CT STMICROELECTRONICS-STPS10H100CT Datasheet
105Kb / 6P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Jul-2003
STPS2H100A STMICROELECTRONICS-STPS2H100A Datasheet
76Kb / 6P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Nov-1998
STPS30150CT STMICROELECTRONICS-STPS30150CT Datasheet
93Kb / 6P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Jul-2003
STPS80150CW STMICROELECTRONICS-STPS80150CW Datasheet
424Kb / 4P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Oct-2003
logo
Gamma Microelectronics ...
GMR20H125C GAMMA-GMR20H125C Datasheet
135Kb / 6P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
GMR20H200C GAMMA-GMR20H200C Datasheet
135Kb / 6P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
BCD Semiconductor Manuf...
MBR20100C BCDSEMI-MBR20100C Datasheet
506Kb / 9P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
Kersemi Electronic Co.,...
MBR20H100CT-E1 KERSEMI-MBR20H100CT-E1 Datasheet
4Mb / 10P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR30H100CT-E1 KERSEMI-MBR30H100CT-E1 Datasheet
4Mb / 10P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR20H100CTF-E1 KERSEMI-MBR20H100CTF-E1 Datasheet
4Mb / 10P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com