Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUX87 Datasheet(PDF) 2 Page - STMicroelectronics

Part # BUX87
Description  HIGH VOLTAGE NPN SILICON POWER TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BUX87 Datasheet(HTML) 2 Page - STMicroelectronics

  BUX87 Datasheet HTML 1Page - STMicroelectronics BUX87 Datasheet HTML 2Page - STMicroelectronics BUX87 Datasheet HTML 3Page - STMicroelectronics BUX87 Datasheet HTML 4Page - STMicroelectronics BUX87 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
THERMAL DATA
Rthj-case
Rthj-amb
Thermal Resistance Junction-case
Max
Thermal Resistance Junction-ambient
Max
3.12
100
oC/W
oC/W
ELECTRICAL CHARACTERISTICS (Tcase = 25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICEV
Collector Cut-off
Current (VBE = -1.5V)
VCE = 1000 V
VCE = 1000 V
Tj = 125
oC
100
1
µA
mA
IEBO
Emitter Cut-off Current
(IC = 0)
VEB = 5 V
1
mA
VCEO(sus)
∗ Collector-Emitter
Sustaining Voltage
(IB = 0)
IC = 100 mA
450
V
VBEO
Collector-Base
Sustaining Voltage
IC = 10 mA
5
V
VCE(sat)
∗ Collector-Emitter
Saturation Voltage
IC = 0.1 A
IB = 0.01 A
IC = 0.2 A
IB = 0.02 A
0.8
1
V
V
VBE(sat)
∗ Base-Emitter
Saturation Voltage
IC = 0.2 A
IB = 0.02 A
1
V
hFE
∗
DC Current Gain
IC = 50 mA
VCE = 5 V
IC = 40 mA
VCE = 5 V
12
50
fT
Transition Frequency
IC = 50 mA
VCE = 10 V f=1MHz
20
MHz
ts
tf
RESISTIVE LOAD
Storage Time
Fall Time
VCC = 250 V
IC = 200 mA
IB1 = 40 mA
IB2= -80 mA
tp = 20
µs
4.5
0.5
µs
µs
∗ Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %
Safe Operating Area
Derating Curve
BUX87
2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com