Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MD1803DFP Datasheet(PDF) 8 Page - STMicroelectronics

Part # MD1803DFP
Description  High voltage NPN Power transistor for standard definition CRT display
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MD1803DFP Datasheet(HTML) 8 Page - STMicroelectronics

Back Button MD1803DFP Datasheet HTML 2Page - STMicroelectronics MD1803DFP Datasheet HTML 3Page - STMicroelectronics MD1803DFP Datasheet HTML 4Page - STMicroelectronics MD1803DFP Datasheet HTML 5Page - STMicroelectronics MD1803DFP Datasheet HTML 6Page - STMicroelectronics MD1803DFP Datasheet HTML 7Page - STMicroelectronics MD1803DFP Datasheet HTML 8Page - STMicroelectronics MD1803DFP Datasheet HTML 9Page - STMicroelectronics MD1803DFP Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Package mechanical data
MD1803DFP
8/10
Dim.
mm.
inch
Min.
Typ
Max.
Min.
Typ.
Max.
A
4.40
4.60
0.173
0.181
B
2.5
2.7
0.098
0.106
D
2.5
2.75
0.098
0.108
E
0.45
0.70
0.017
0.027
F
0.75
1.00
0.0300.039
F1
1.15
1.50
0.045
0.067
F2
1.15
1.50
0.045
0.067
G4.955.20
0.1950.204
G1
2.40
2.70
0.094
0.106
H
10
10.40
0.393
0.409
L2
16
0.630
L3
28.6
30.6
1.126
1.204
L4
9.80
10.60
0.385
0.417
L5
2.93.6
0.114
0.141
L6
15.90
16.40
0.626
0.645
L7
99.300.354
0.366
Dia3
3.2
0.118
0.126
TO-220FP mechanical data
L2
L6
L3
12 3
L7
L4
L5
7012510-I
Dia



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com