Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS30H100 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPS30H100
Description  HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS30H100 Datasheet(HTML) 3 Page - STMicroelectronics

  STPS30H100 Datasheet HTML 1Page - STMicroelectronics STPS30H100 Datasheet HTML 2Page - STMicroelectronics STPS30H100 Datasheet HTML 3Page - STMicroelectronics STPS30H100 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1E-3
1E-2
1E-1
1E+0
0
20
40
60
80
100
120
140
160
180
200
220
240
t(s)
IM(A)
Tc=25°C
Tc=150°C
Tc=75°C
IM
t
δ=0.5
Fig. 3: Non repetitive surge peak forward current ver-
sus overload duration (maximum values, per diode).
0
10
203040
5060708090
100
1E-5
1E-4
1E-3
1E-2
1E-1
1E+0
2E+0
VR(V)
IR(mA)
Tj=125°C
Tj=25°C
Fig. 5: Reverse leakage current versus reverse
voltage applied (typical values, per diode).
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
1
10
100
200
VFM(V)
IFM(A)
Tj=25°C
Tj=125°C
Fig. 7: Forward voltage drop versus forward cur-
rent (maximum values, per diode).
1E-4
1E-3
1E-2
1E-1
1E+0
0.0
0.2
0.4
0.6
0.8
1.0
tp(s)
Zth(j-c)/Rth(j-c)
T
δ=tp/T
tp
Single pulse
δ = 0.5
δ = 0.2
δ = 0.1
Fig. 4: Relative variation of thermal impedance
junction to case versus pulse duration.
1
2
5
10
20
50
100
100
200
500
1000
VR(V)
C(pF)
F=1MHz
Tj=25°C
Fig. 6: Junction capacitance versus reverse
voltage applied (typical values, per diode).
STPS30H100CW
3/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com