Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MD2103DFP Datasheet(PDF) 3 Page - STMicroelectronics

Part # MD2103DFP
Description  High voltage NPN power transistor for standard definition CRT display
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MD2103DFP Datasheet(HTML) 3 Page - STMicroelectronics

  MD2103DFP Datasheet HTML 1Page - STMicroelectronics MD2103DFP Datasheet HTML 2Page - STMicroelectronics MD2103DFP Datasheet HTML 3Page - STMicroelectronics MD2103DFP Datasheet HTML 4Page - STMicroelectronics MD2103DFP Datasheet HTML 5Page - STMicroelectronics MD2103DFP Datasheet HTML 6Page - STMicroelectronics MD2103DFP Datasheet HTML 7Page - STMicroelectronics MD2103DFP Datasheet HTML 8Page - STMicroelectronics MD2103DFP Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MD2103DFP
Electrical characteristics
3/9
2
Electrical characteristics
(Tcase = 25°C unless otherwise specified)
Note:
Note (1) Pulsed duration = 300
µs, duty cycle ≤1.5%
Table 4.
Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ICES
Collector cut-off current
(VBE =0)
VCE = 1500V
VCE = 1500V TC = 125°C
0.2
2
mA
mA
IEBO
Emitter cut-off current
(IC =0)
VEB = 5V
50
125
mA
V(BR)EBO
Emitter-base brakdown
voltage (IC = 0)
IE = 700mA
11
V
VCE(sat)
(1)
Collector-emitter
saturation voltage
IC = 3A
_ _ IB =0.75A
1.8
V
VBE(sat)
(1)
Base-emitter saturation
voltage
IC = 3A
_ _ IB =0.75A
1.5
V
hFE
(1)
DC current gain
IC = 1A
VCE =5V
IC = 3A
VCE =1V
IC = 3A
VCE =5V
6.5
17
6
9.5
ts
tf
Inductive load
Storage time
Fall time
IC =3A
fh =16kHz
IB(on) =0.5A VBE(off) =-2.7V
LBB(off) =6.3µH
(see Figure 12)
3.8
0.25
µs
µs
VF
Diode forward voltage
IF = 3A
2V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com