Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF284LSR1 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MRF284LSR1
Description  RF Power Field Effect Transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF284LSR1 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MRF284LSR1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF284LSR1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF284LSR1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF284LSR1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF284LSR1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF284LSR1 Datasheet HTML 9Page - Freescale Semiconductor, Inc MRF284LSR1 Datasheet HTML 10Page - Freescale Semiconductor, Inc MRF284LSR1 Datasheet HTML 11Page - Freescale Semiconductor, Inc MRF284LSR1 Datasheet HTML 12Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
MRF284LR1 MRF284LSR1
9
RF Device Data
Freescale Semiconductor
Figure 15. Series Equivalent Source and Load Impedence
f
MHz
Zsource
Ω
Zload
Ω
1800
1860
1900
1960
1.0 - j0.4
1.0 - j1.1
1.0 - j0.8
1.0 - j1.4
2.1 + j0.4
2.2 - j0.2
2.3 - j0.5
2.5 - j0.9
VCC = 26 V, IDQ = 200 mA, Pout = 15 W Avg.
2000
1.0 - j2.3
2.6 - j0.92
Zo = 5 Ω
f = 2000 MHz
1800 MHz
f = 2000 MHz
1800 MHz
Zsource
Zload
Zsource = Test circuit impedance as measured from
gate to ground.
Zload
= Test circuit impedance as measured
from drain to ground.
Z source
Z load
Input
Matching
Network
Device
Under Test
Output
Matching
Network



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com