Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF21045LR3 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MRF21045LR3
Description  RF Power Field Effect Transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF21045LR3 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MRF21045LR3 Datasheet HTML 1Page - Freescale Semiconductor, Inc MRF21045LR3 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF21045LR3 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF21045LR3 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF21045LR3 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF21045LR3 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF21045LR3 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF21045LR3 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF21045LR3 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
RF Device Data
Freescale Semiconductor
MRF21045LR3 MRF21045LSR3
Figure 1. MRF21045LR3(SR3) Test Circuit Schematic
RF
INPUT
RF
OUTPUT
Z1
Z2
VBIAS
C1
C6
L1
DUT
VSUPPLY
Z4
C8
Z9
C5
C7
Z6
Z7
R4
C4
Z5
+
C9
C3
C2
Z10
C10
C11
+
+
B1
R1
R2
R3
Board
0.030″ Glass Teflon®,
Keene GX-0300-55-22, εr = 2.55
PCB
Etched Circuit Boards
MRF21045 Rev. 3, CMR
Z1, Z9
0.750″ x 0.084″ Transmission Line
Z2
0.160″ x 0.084″ Transmission Line
Z3
1.195″ x 0.176″ Transmission Line
Z4
0.125″ x 0.320″ Transmission Line
Z5
1.100″ x 0.045″ Transmission Line
Z6
0.442″ x 0.650″ Transmission Line
Z7
0.490″ x 0.140″ Transmission Line
Z8
0.540″ x 0.084″ Transmission Line
Z10
0.825″ x 0.055″ Transmission Line
Z3
Z8
Table 5. MRF21045LR3(SR3) Component Designations and Values
Designators
Description
B1
Short Ferrite Bead, Fair Rite, #2743019447
C1, C2, C6
43 pF Chip Capacitors, ATC #100B430JCA500X
C7
5.6 pF Chip Capacitor, ATC #100B5R6JCA500X
C3, C9
1000 pF Chip Capacitors, ATC #100B102JCA500X
C4, C10
0.1 mF Chip Capacitors, Kemet #CDR33BX104AKWS
C5
1.0 mF Tantalum Chip Capacitor, Kemet #T491C105M050
C8
10 mF Tantalum Chip Capacitor, Kemet #T495X106K035AS4394
C11
22 mF Tantalum Chip Capacitor, Kemet #T491X226K035AS4394
L1
1 Turn, #20 AWG, 0.100″ ID
N1, N2
Type N Flange Mounts, Omni Spectra #3052-1648-10
R1
1.0 kΩ, 1/8 W Chip Resistor
R2
180 kΩ, 1/8 W Chip Resistor
R3, R4
10 Ω, 1/8 W Chip Resistors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com