Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF21010LSR1 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MRF21010LSR1
Description  RF Power Field Effect Transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF21010LSR1 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MRF21010LSR1 Datasheet HTML 1Page - Freescale Semiconductor, Inc MRF21010LSR1 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF21010LSR1 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF21010LSR1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF21010LSR1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF21010LSR1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF21010LSR1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF21010LSR1 Datasheet HTML 8Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
RF Device Data
Freescale Semiconductor
MRF21010LR1 MRF21010LSR1
VDD
VGG
C−XM−99−001−01
C1
R1
T1
R2
R3
P1
T2
C8
C9
R4
C2
C3
R5
C4 C5
L1
L2
L3
L4
C7
L5
R6
C10
Ground
C6
MRF21010
Freescale has begun the transition of marking Printed Circuit Boards (PCBs) with the Freescale Semiconductor
signature/logo. PCBs may have either Motorola or Freescale markings during the transition period. These changes
will have no impact on form, fit or function of the current product.
Figure 3. MRF21010L Demonstration Board Component Layout
Table 6. MRF21010L Demonstration Board Component Designations and Values
Designators
Description
C1
1 mF Chip Capacitor (0805), AVX #08053G105ZATEA
C2, C6
10 mF, 35 V Tantalum Capacitors, Vishay-Sprague #293D106X9035D
C3, C4
6.8 pF Chip Capacitors, ACCU-P (0805), AVX #08051J6R8CBT
C5
10 nF Chip Capacitor (0805), AVX #08055C103KATDA
C7
1.5 pF Chip Capacitor, ACCU-P (0805), AVX #08051J2R2BBT
C8, C10
0.5 pF Chip Capacitors, ACCU-P (0805), AVX #08051J0R5BBT
C9
10 pF Chip Capacitor, ACCU-P (0805), AVX #08055J100GBT
L1
19 mm × 1.07 mm
L2
7.7 mm × 13.8 mm
L3
9.3 mm × 22 mm
L4
17.7 mm × 3.5 mm
L5
3.4 mm × 1.5 mm
R1, R6
10 W, 1/8 W Chip Resistors (0805)
R2, R3
1 kW, 1/8 W Chip Resistors (0805)
R4
2.2 kW, 1/8 W Chip Resistor (0805)
R5
0 W, 1/8 W Chip Resistor (0805)
P1
5 kW Potentiometer CMS Cermet Multi-Turn, Bourns #3224W
T1
Voltage Regulator, Micro-8, #LP2951
T2
Bipolar NPN Transistor, SOT-23, #BC847
PCB
Rogers RO4350, 0.5 mm, εr = 3.53



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com