Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BU508AF_0708 Datasheet(PDF) 4 Page - STMicroelectronics

Part # BU508AF_0708
Description  High voltage NPN power transistor for standard definition CRT display
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BU508AF_0708 Datasheet(HTML) 4 Page - STMicroelectronics

  BU508AF_0708 Datasheet HTML 1Page - STMicroelectronics BU508AF_0708 Datasheet HTML 2Page - STMicroelectronics BU508AF_0708 Datasheet HTML 3Page - STMicroelectronics BU508AF_0708 Datasheet HTML 4Page - STMicroelectronics BU508AF_0708 Datasheet HTML 5Page - STMicroelectronics BU508AF_0708 Datasheet HTML 6Page - STMicroelectronics BU508AF_0708 Datasheet HTML 7Page - STMicroelectronics BU508AF_0708 Datasheet HTML 8Page - STMicroelectronics BU508AF_0708 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Electrical characteristics
BU508AF
4/11
2
Electrical characteristics
(Tcase = 25°C unless otherwise specified)
Table 4.
Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ICES
Collector cut-off current
(VBE =0)
VCE = 1500V
VCE = 1500V;
TC= 125°C
0.2
2
mA
mA
IEBO
Emitter cut-off current
(IC =0)
VEB = 9V
1mA
VCEO(sus)
(1)
Collector-emitter
sustaining voltage
(IC =0)
IC = 100mA
700
V
VCE(sat)
(1)
1.
Pulsed: Pulse duration = 300 ms, duty cycle 1.5 %
Collector-emitter
saturation voltage
IC = 4.5A
IB = 1.6A
1V
VBE(sat)
(1)
Base-emitter saturation
voltage
IC = 4.5A
IB = 2A
1.1
V
hFE
(1)
DC current gain
IC = 0.1A
VCE = 5V
IC = 4.5A
VCE = 5V
10
5
30
ts
tf
Inductive load
Storage time
Fall time
IC = 4.5A
IB(on) = 0.5A
VBE(off) = -2.7V fh = 16KHz
LBB(off) = 4.5µH
2.5
0.2
µs
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com