Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPX5100 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPX5100
Description  Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPX5100 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPX5100 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPX5100 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPX5100 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPX5100 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPX5100 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPX5100 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPX5100 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPX5100 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPX5100 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
MPX5100
Rev 11, 4/2008
Freescale Semiconductor
Technical Data
© Freescale Semiconductor, Inc., 2005-2008. All rights reserved.
Integrated Silicon Pressure Sensor
On-Chip Signal Conditioned,
Temperature Compensated, and
Calibrated
The MPX5100 series piezoresistive transducer is a state-of-the-art monolithic
silicon pressure sensor designed for a wide range of applications, but particularly
those employing a microcontroller or microprocessor with A/D inputs. This
patented, single element transducer combines advanced micromachining
techniques, thin-film metallization, and bipolar processing to provide an accurate,
high level analog output signal that is proportional to the applied pressure.
Features
•
2.5% Maximum Error over 0
° to 85°C
•
Ideally suited for Microprocessor or Microcontroller-Based Systems
•
Patented Silicon Shear Stress Strain Gauge
•
Available in Absolute, Differential and Gauge Configurations
•
Durable Epoxy Unibody Element
•
Easy-to-Use Chip Carrier Option
Typical Applications
•
Patient Monitoring
•
Process Control
•
Pump/Motor Control
•
Pressure Switching
ORDERING INFORMATION
Device
Type
Options
Case
No.
MPX Series Order
Number
Device Marking
UNIBODY PACKAGE (MPX5100 SERIES)
Basic
Elements
Absolute
867
MPX5100A
MPX5100A
Differential
867
MPX5100D
MPX5100D
Ported
Elements
Differential Dual Ports
867C
MPX5100DP
MPX5100DP
Absolute, Single Port
867B
MPX5100AP
MPX5100AP
Gauge, Single Port
867B
MPX5100GP
MPX5100GP
Gauge, Axial PC Mount
867F
MPX5100GSX
MPX5100D
Gauge, Axial Port, SMT
482A
MPXV5100GC6U
MPXV5100G
Gauge, Axial Port, DIP
482C
MPX5V100GC7U
MPXV5100G
Gauge, Dual Port, SMT
1351
MPXV5100DP
MPXV5100
Gauge, Side Port, SMT
1369
MPXV5100GP
MPXV5100G
MPX5100/MPXV5100
SERIES
INTEGRATED PRESSURE SENSOR
0 to 100 kpa (0 to 14.5 psi)
15 to 115 kPa
(2.2 to 16.7 psi)
0.2 to 4.7 V Output
PIN NUMBER(1)
1. Pins 1, 5, 6, 7, and 8 are internal device
connections. Do not connect to external
circuitry or ground. Pin1 is noted by the
notch in the lead.
1
N/C
5
N/C
2
VS
6
N/C
3
GND
7
N/C
4
VOUT
8
N/C
PIN NUMBER(1)
1. Pins 4, 5, and 6 are internal device
connections. Do not connect to external
circuitry or ground. Pin 1 is noted by the
notch in the lead.
1
VOUT
4
N/C
2
GND
5
N/C
3
VS
6
N/C
SMALL OUTLINE PACKAGES
MPXV5100GC6U
CASE 482A-01
MPXV5100GC7U
CASE 482C-03
MPXV5100DP
CASE 1351-01
MPXV5100GP
CASE 1369-01
UNIBODY PACKAGES
MPX5100A/D
CASE 867-08
MPX5100AP/GP
CASE 867B-04
MPX5100DP
CASE 867C-05
MPX5100GSX
CASE 867F-03


Similar Part No. - MPX5100

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX5100 MOTOROLA-MPX5100 Datasheet
396Kb / 12P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
logo
Freescale Semiconductor...
MPX5100 FREESCALE-MPX5100 Datasheet
318Kb / 12P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPX5100 FREESCALE-MPX5100 Datasheet
356Kb / 17P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
logo
NXP Semiconductors
MPX5100 NXP-MPX5100 Datasheet
496Kb / 20P
MPX5100, 0 to 100 kPa, Differential, Gauge, and Absolute, Integrated, Pressure Sensors
Rev. 14, 12/2018
logo
Motorola, Inc
MPX5100A MOTOROLA-MPX5100A Datasheet
396Kb / 12P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
More results

Similar Description - MPX5100

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPX4080D FREESCALE-MPX4080D Datasheet
174Kb / 8P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPX5050 FREESCALE-MPX5050 Datasheet
255Kb / 14P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPVZ5150 FREESCALE-MPVZ5150 Datasheet
206Kb / 7P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPX5010 FREESCALE-MPX5010 Datasheet
443Kb / 18P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MP3V5050 FREESCALE-MP3V5050 Datasheet
214Kb / 11P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MP3V5100 FREESCALE-MP3V5100 Datasheet
111Kb / 9P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPXV4115V FREESCALE-MPXV4115V_12 Datasheet
94Kb / 10P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned Temperature Compensated, and Calibrated
logo
NXP Semiconductors
MP3V7007 NXP-MP3V7007 Datasheet
156Kb / 10P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
Rev 0, 11/2008
MPX4250 NXP-MPX4250 Datasheet
173Kb / 9P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
Rev 7, 1/2009
MPXV7007 NXP-MPXV7007 Datasheet
949Kb / 19P
Integrated silicon pressure sensor, on-chip signal conditioned, temperature compensated and calibrated
Rev. 4-26 January 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com