Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC7119 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MSC7119
Description  Low-Cost 16-bit DSP with DDR Controller and 10/100 Mbps Ethernet MAC
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC7119 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MSC7119_08 Datasheet HTML 1Page - Freescale Semiconductor, Inc MSC7119_08 Datasheet HTML 2Page - Freescale Semiconductor, Inc MSC7119_08 Datasheet HTML 3Page - Freescale Semiconductor, Inc MSC7119_08 Datasheet HTML 4Page - Freescale Semiconductor, Inc MSC7119_08 Datasheet HTML 5Page - Freescale Semiconductor, Inc MSC7119_08 Datasheet HTML 6Page - Freescale Semiconductor, Inc MSC7119_08 Datasheet HTML 7Page - Freescale Semiconductor, Inc MSC7119_08 Datasheet HTML 8Page - Freescale Semiconductor, Inc MSC7119_08 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 60 page
background image
MSC7119 Data Sheet, Rev. 8
Freescale Semiconductor
2
Table of Contents
1
Pin Assignments . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .4
1.1
MAP-BGA Ball Layout Diagrams . . . . . . . . . . . . . . . . . .4
1.2
Signal List By Ball Location. . . . . . . . . . . . . . . . . . . . . . .6
2
Electrical Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . .17
2.1
Maximum Ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . .17
2.2
Recommended Operating Conditions. . . . . . . . . . . . . .18
2.3
Thermal Characteristics . . . . . . . . . . . . . . . . . . . . . . . .19
2.4
DC Electrical Characteristics . . . . . . . . . . . . . . . . . . . .19
2.5
AC Timings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .21
3
Hardware Design Considerations . . . . . . . . . . . . . . . . . . . . . .41
3.1
Thermal Design Considerations . . . . . . . . . . . . . . . . . .41
3.2
Power Supply Design Considerations. . . . . . . . . . . . . .42
3.3
Estimated Power Usage Calculations. . . . . . . . . . . . . .49
3.4
Reset and Boot . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .51
3.5
DDR Memory System Guidelines . . . . . . . . . . . . . . . . .54
4
Ordering Information. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .57
5
Package Information. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .58
6
Product Documentation . . . . . . . . . . . . . . . . . . . . . . . . . . . . .58
7
Revision History . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .59
List of Figures
Figure 1.
MSC7119 Block Diagram. . . . . . . . . . . . . . . . . . . . . . . 3
Figure 2.
MSC7119 Molded Array Process-Ball Grid Array
(MAP-BGA), Top View . . . . . . . . . . . . . . . . . . . . . . . . . 4
Figure 3.
MSC7119 Molded Array Process-Ball Grid Array
(MAP-BGA), Bottom View . . . . . . . . . . . . . . . . . . . . . . 5
Figure 4.
Timing Diagram for a Reset Configuration Write . . . . 25
Figure 5.
DDR DRAM Input Timing Diagram . . . . . . . . . . . . . . 26
Figure 6.
DDR DRAM Output Timing Diagram . . . . . . . . . . . . . 27
Figure 7.
DDR DRAM AC Test Load . . . . . . . . . . . . . . . . . . . . . 28
Figure 8.
TDM Receive Signals. . . . . . . . . . . . . . . . . . . . . . . . . 28
Figure 9.
TDM Transmit Signals . . . . . . . . . . . . . . . . . . . . . . . . 29
Figure 10. Ethernet Receive Signal Timing . . . . . . . . . . . . . . . . . 29
Figure 11.
Ethernet Receive Signal Timing . . . . . . . . . . . . . . . . . 30
Figure 12. Asynchronous Input Signal Timing . . . . . . . . . . . . . . . 30
Figure 13. Serial Management Channel Timing . . . . . . . . . . . . . 31
Figure 14. Read Timing Diagram, Single Data Strobe . . . . . . . . 33
Figure 15. Read Timing Diagram, Double Data Strobe . . . . . . . . 33
Figure 16. Write Timing Diagram, Single Data Strobe. . . . . . . . . 34
Figure 17. Write Timing Diagram, Double Data Strobe . . . . . . . . 34
Figure 18. Host DMA Read Timing Diagram, HPCR[OAD] = 0 . . 35
Figure 19. Host DMA Write Timing Diagram, HPCR[OAD] = 0 . . 35
Figure 20. I2C Timing Diagram . . . . . . . . . . . . . . . . . . . . . . . . . . 36
Figure 21. UART Input Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . 37
Figure 22. UART Output Timing . . . . . . . . . . . . . . . . . . . . . . . . . 37
Figure 23. EE Pin Timing. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 37
Figure 24. EVNT Pin Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . 38
Figure 25. GPI/GPO Pin Timing . . . . . . . . . . . . . . . . . . . . . . . . . 38
Figure 26. Test Clock Input Timing Diagram . . . . . . . . . . . . . . . . 39
Figure 27. Boundary Scan (JTAG) Timing Diagram . . . . . . . . . . 40
Figure 28. Test Access Port Timing Diagram . . . . . . . . . . . . . . . 40
Figure 29. TRST Timing Diagram . . . . . . . . . . . . . . . . . . . . . . . . 40
Figure 30. Voltage Sequencing Case 1 . . . . . . . . . . . . . . . . . . . . 43
Figure 31. Voltage Sequencing Case 2 . . . . . . . . . . . . . . . . . . . . 44
Figure 32. Voltage Sequencing Case 3 . . . . . . . . . . . . . . . . . . . . 45
Figure 33. Voltage Sequencing Case 4 . . . . . . . . . . . . . . . . . . . . 46
Figure 34. Voltage Sequencing Case 5 . . . . . . . . . . . . . . . . . . . . 47
Figure 35. PLL Power Supply Filter Circuits . . . . . . . . . . . . . . . . 48
Figure 36. SSTL Termination Techniques . . . . . . . . . . . . . . . . . . 54
Figure 37. SSTL Power Value . . . . . . . . . . . . . . . . . . . . . . . . . . . 55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com