Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS340S Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPS340S
Description  POWER SCHOTTKY RECTIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS340S Datasheet(HTML) 4 Page - STMicroelectronics

  STPS340S Datasheet HTML 1Page - STMicroelectronics STPS340S Datasheet HTML 2Page - STMicroelectronics STPS340S Datasheet HTML 3Page - STMicroelectronics STPS340S Datasheet HTML 4Page - STMicroelectronics STPS340S Datasheet HTML 5Page - STMicroelectronics STPS340S Datasheet HTML 6Page - STMicroelectronics STPS340S Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
12
5
10
20
50
10
20
50
100
200
500
VR(V)
C(pF)
F=1MHz
Tj=25°C
Fig. 6: Junction capacitance versus reverse
voltage applied (Typical values).
0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0
0.01
0.10
1.00
10.00
IFM(A)
Typical values
Tj=150°C
Tj=125°C
VFM(V)
Fig. 7: Forward voltage drop versus forward
current (Maximum values).
0
5
10
15
20
25
30
35
40
1E-5
1E-4
1E-3
1E-2
VR(V)
IR(A)
Tj=125°C
Tj=100°C
Tj=75°C
Tj=150°C
Fig. 5: Reverse leakage current versus reverse
voltage applied (Typical values).
0
1
234
5
0
20
40
60
80
100
120
S(Cu) (cm²)
Rth(j-a) (°C/W)
Fig. 8-1: Thermal resistance junction to ambient
versus copper surface under each lead (Epoxy printed
circuit board FR4, copper thickness: 35
µm) (SMB).
01
2345
0
20
40
60
80
100
Rth(j-a) (°C/W)
S(Cu) (cm²)
Fig. 8-2: Thermal resistance junction to ambient
versus copper surface under each lead (Epoxy printed
circuit board FR4, copper thickness: 35
µm) (SMC).
02468
10
12
14
16
18
20
0
20
40
60
80
100
Rth(j-a) (°C/W)
S(Cu) (cm²)
Fig. 8-3: Thermal resistance junction to ambient
versus copper surface under each lead (Epoxy printed
circuit board FR4, copper thickness: 35
µm) (DPAK).
STPS340U/S/B
4/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com