Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST13003D-K Datasheet(PDF) 3 Page - STMicroelectronics

Part # ST13003D-K
Description  High voltage fast-switching NPN power transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST13003D-K Datasheet(HTML) 3 Page - STMicroelectronics

  ST13003D-K Datasheet HTML 1Page - STMicroelectronics ST13003D-K Datasheet HTML 2Page - STMicroelectronics ST13003D-K Datasheet HTML 3Page - STMicroelectronics ST13003D-K Datasheet HTML 4Page - STMicroelectronics ST13003D-K Datasheet HTML 5Page - STMicroelectronics ST13003D-K Datasheet HTML 6Page - STMicroelectronics ST13003D-K Datasheet HTML 7Page - STMicroelectronics ST13003D-K Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ST13003D-K
Electrical characteristics
3/8
2
Electrical characteristics
(Tcase = 25°C unless otherwise specified)
Note (1) Pulsed duration = 300µs, duty cycle
≤1.5%
Table 3.
Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ICEV
Collector cut-off current
(VBE =-1.5V)
VCE =700V
VCE =700V
Tc = 125°C
1
5
mA
mA
V(BR)EBO
Emitter-Base breakdown
voltage (IC = 0)
IE =10mA
918
V
VCEO(sus)
(1) Collector-emitter
sustaining voltage
(IB = 0)
IC =10mA
400
V
VCE(sat)
(1)
Collector-emitter
saturation voltage
IC = 0.5A
_ IB = 0.1A
IC = 1A
_ _ IB = 0.25A
IC = 1.5A _ _ IB = 0.5A
0.5
1
3
V
V
V
VBE(sat)
(1)
Base-emitter saturation
voltage
IC = 0.5A
_ IB = 0.1A
IC = 1A
_ _ IB = 0.25A
1
1.2
V
V
hFE
DC current gain
IC =0.5A
VCE =2V
IC =1A
VCE =2V
8
5
20
25
tr
ts
tf
Resistive load
Rise time
Storage time
Fall time
VCC = 125V
IC = 1A
IB1 = 0.2A
IB2 = -0.2A
Tp = 25µs
1
4
0.7
µs
µs
µs
ts
Inductive load
Storage time
IC = 1A
IB1 = 0.2A
VBE =-5V
L =50mH
VClamp =300V
0.8
µs
VF
Diode forward voltage
IC = 0.5A
1.5
V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com