Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST13005 Datasheet(PDF) 4 Page - STMicroelectronics

Part # ST13005
Description  High voltage fast-switching NPN power transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST13005 Datasheet(HTML) 4 Page - STMicroelectronics

  ST13005_07 Datasheet HTML 1Page - STMicroelectronics ST13005_07 Datasheet HTML 2Page - STMicroelectronics ST13005_07 Datasheet HTML 3Page - STMicroelectronics ST13005_07 Datasheet HTML 4Page - STMicroelectronics ST13005_07 Datasheet HTML 5Page - STMicroelectronics ST13005_07 Datasheet HTML 6Page - STMicroelectronics ST13005_07 Datasheet HTML 7Page - STMicroelectronics ST13005_07 Datasheet HTML 8Page - STMicroelectronics ST13005_07 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Electrical characteristics
ST13005
4/12
2
Electrical characteristics
(Tcase = 25°C unless otherwise specified)
Table 3.
Electrical characteristics
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICES
Collector cut-off current
(VBE = 0)
VCE =700 V
VCE =700 V TC = 125°C
1
5
mA
mA
IEBO
Emitter cut-off current
(IC = 0)
VEB = 9 V
1mA
VCEO(sus)
(1)
1.
Pulsed duration = 300 ms, duty cycle £1.5%
Collector-emitter
sustaining voltage
(IB = 0)
IC =10 mA
400
V
VCE(sat)
(1)
Collector-emitter
saturation voltage
IC = 1 A
_
IB = 0.2 A
IC = 2 A _ _
IB = 0.5 A
IC = 4 A _ _
IB = 1 A
0.5
0.6
1
V
V
V
VBE(sat)
(1)
Base-emitter saturation
voltage
IC = 1 A
_
IB = 0.2 A
IC = 2 A _ _
IB = 0.5 A
1.2
1.6
V
V
hFE
(1)(2)
2.
Product is pre-selected in DC current gain (group A and group B). STMicroelectronics reserves the right to
ship either groups according to production availability. Please contact your nearest STMicroelectronics
sales office for delivery details.
DC current gain
IC = 1 A
_
VCE = 5 V
Group A
Group B
IC = 2 A
_ _
VCE = 5 V
15
27
8
32
45
40
ts
tf
Resistive load
Storage time
Fall time
IC = 2 A
VCC = 125 V
IB1 = - IB2 = 0.4 A
tp = 30 µs
1.5
0.2
3
µs
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com