Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP11NK40Z Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP11NK40Z
Description  N-channel 400V - 0.49Ω - 9A TO-220 - TO-220FP - D2PAK Zener-protected SuperMESHTM Power MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP11NK40Z Datasheet(HTML) 1 Page - STMicroelectronics

  STP11NK40Z Datasheet HTML 1Page - STMicroelectronics STP11NK40Z Datasheet HTML 2Page - STMicroelectronics STP11NK40Z Datasheet HTML 3Page - STMicroelectronics STP11NK40Z Datasheet HTML 4Page - STMicroelectronics STP11NK40Z Datasheet HTML 5Page - STMicroelectronics STP11NK40Z Datasheet HTML 6Page - STMicroelectronics STP11NK40Z Datasheet HTML 7Page - STMicroelectronics STP11NK40Z Datasheet HTML 8Page - STMicroelectronics STP11NK40Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
January 2007
Rev 6
1/16
16
STB11NK40Z - STP11NK40ZFP
STP11NK40Z
N-channel 400V - 0.49
Ω - 9A TO-220 - TO-220FP - D2PAK
Zener-protected SuperMESHTM Power MOSFET
General features
■ Extremely high dv/dt capability
■ 100% avalanche tested
■ Gate charge minimized
■ Very low intrinsic capacitances
■ Very good manufacturing repeatability
Description
The SuperMESH™ series is obtained through an
extreme optimization of ST’s well established
strip-based PowerMESH™ layout. In addition to
pushing on-resistance significantly down, special
care is taken to ensure a very good dv/dt
capability for the most demanding applications.
Applications
■ Switching application
Internal schematic diagram
Type
VDSS
RDS(on)
ID
Pw
STB11NK40Z
400V
<0.55
Ω 10A
110W
STP11NK40Z
400V
<0.55
Ω 10A
110W
STP11NK40ZFP
400V
<0.55
Ω 10A
30W
1
2
3
1
2
3
1
3
TO-220FP
TO-220
D2PAK
www.st.com
Order codes
Part number
Marking
Package
Packaging
STB11NK40ZT4
B11NK40Z
D²PAK
Tape & reel
STP11NK40Z
P11NK40Z
TO-220
Tube
STP11NK40ZFP
P11NK40ZFP
TO-220FP
Tube


Similar Part No. - STP11NK40Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP11NK40Z STMICROELECTRONICS-STP11NK40Z Datasheet
579Kb / 12P
N-CHANNEL 400V - 0.49ohm - 9A TO-220/TO-220FP/D2PAK Zener-Protected SuperMESH™ Power MOSFET
Apr-2003
STP11NK40Z STMICROELECTRONICS-STP11NK40Z Datasheet
507Kb / 17P
N-channel 400 V, 0.49 Ω, 9 A, TO-220, TO-220FP, D2PAK Zener-protected SuperMESH™ Power MOSFET
20-Apr-2009
logo
Inchange Semiconductor ...
STP11NK40Z ISC-STP11NK40Z Datasheet
372Kb / 2P
isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STP11NK40ZFP STMICROELECTRONICS-STP11NK40ZFP Datasheet
579Kb / 12P
N-CHANNEL 400V - 0.49ohm - 9A TO-220/TO-220FP/D2PAK Zener-Protected SuperMESH™ Power MOSFET
Apr-2003
STP11NK40ZFP STMICROELECTRONICS-STP11NK40ZFP Datasheet
507Kb / 17P
N-channel 400 V, 0.49 Ω, 9 A, TO-220, TO-220FP, D2PAK Zener-protected SuperMESH™ Power MOSFET
20-Apr-2009
More results

Similar Description - STP11NK40Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP10NK80Z STMICROELECTRONICS-STP10NK80Z Datasheet
458Kb / 11P
N-CHANNEL 800V - 0.78ohm - 9A TO-220/TO-220FP/TO-247 Zener-Protected SuperMESH™ Power MOSFET
Feb-2003
STP11NK40Z STMICROELECTRONICS-STP11NK40Z Datasheet
579Kb / 12P
N-CHANNEL 400V - 0.49ohm - 9A TO-220/TO-220FP/D2PAK Zener-Protected SuperMESH™ Power MOSFET
Apr-2003
STP17NK40Z STMICROELECTRONICS-STP17NK40Z Datasheet
394Kb / 10P
N-CHANNEL 400V - 0.23ohm - 15A TO-220/TO-220FP Zener-Protected SuperMESH™ Power MOSFET
Oct-2002
STP9NK50Z STMICROELECTRONICS-STP9NK50Z Datasheet
572Kb / 12P
N-CHANNEL 500V - 0.72ohm - 7.2A TO-220/TO-220FP/D2PAK Zener-Protected SuperMESH™ Power MOSFET
June 2002
STP10NK50Z STMICROELECTRONICS-STP10NK50Z Datasheet
505Kb / 12P
N-CHANNEL 500V - 0.55??- 9A TO-220 / TO-220FP Zener-Protected SuperMESH MOSFET
08-Sep-2005
STP9NK50Z STMICROELECTRONICS-STP9NK50Z_04 Datasheet
580Kb / 13P
N-CHANNEL 500V - 0.72W - 7.2A TO-220/TO-220FP/D2PAK Zener-Protected SuperMESH??Power MOSFET
Jun-2004
STP10NK80Z STMICROELECTRONICS-STP10NK80Z_06 Datasheet
452Kb / 15P
N-channel 800V - 0.78廓 - 9A - TO-220/FP-TO-247 Zener-protected superMESHTM MOSFET
10-Mar-2006
STB11NK50Z STMICROELECTRONICS-STB11NK50Z_08 Datasheet
415Kb / 16P
N-channel 500 V, 0.48 Ω , 10 A TO-220, TO-220FP, D2PAK Zener-protected SuperMESHTM Power MOSFET
29-Apr-2008
STB11NK40Z STMICROELECTRONICS-STB11NK40Z_09 Datasheet
507Kb / 17P
N-channel 400 V, 0.49 Ω, 9 A, TO-220, TO-220FP, D2PAK Zener-protected SuperMESH™ Power MOSFET
20-Apr-2009
STF13NK50Z STMICROELECTRONICS-STF13NK50Z Datasheet
522Kb / 15P
N-channel 500 V, 0.40 Ω, 11 A TO-220, TO-220FP, TO-247 Zener-protected SuperMESH™ Power MOSFET
19-Mar-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com