Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP10NK60Z Datasheet(PDF) 4 Page - STMicroelectronics

Part # STP10NK60Z
Description  N-channel 600V - 0.65Ω - 10A - I2/D2PAK - TO-220/FP - TO-247 Zener-protected SuperMESH??Power MOSFET
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP10NK60Z Datasheet(HTML) 4 Page - STMicroelectronics

  STP10NK60Z Datasheet HTML 1Page - STMicroelectronics STP10NK60Z Datasheet HTML 2Page - STMicroelectronics STP10NK60Z Datasheet HTML 3Page - STMicroelectronics STP10NK60Z Datasheet HTML 4Page - STMicroelectronics STP10NK60Z Datasheet HTML 5Page - STMicroelectronics STP10NK60Z Datasheet HTML 6Page - STMicroelectronics STP10NK60Z Datasheet HTML 7Page - STMicroelectronics STP10NK60Z Datasheet HTML 8Page - STMicroelectronics STP10NK60Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Electrical ratings
STB10NK60Z - STB10NK60Z-1 - STP10NK60Z/FP - STW10NK60Z
4/19
Table 3.
Avalanche characteristics
Symbol
Parameter
Max value
Unit
IAR
Avalanche current, repetitive or not-repetitive
(pulse width limited by Tj max)
9A
EAS
Single pulse avalanche energy
(starting Tj=25°C, ID=IAR, VDD= 50V)
300
mJ
EAR
Repetitive avalanche energy
(pulse width limited by Tj max)
3.5
mJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com