Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP11NK50Z Datasheet(PDF) 3 Page - STMicroelectronics

Part # STP11NK50Z
Description  N-channel 500 V, 0.48 Ω , 10 A TO-220, TO-220FP, D2PAK Zener-protected SuperMESHTM Power MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP11NK50Z Datasheet(HTML) 3 Page - STMicroelectronics

  STP11NK50Z Datasheet HTML 1Page - STMicroelectronics STP11NK50Z Datasheet HTML 2Page - STMicroelectronics STP11NK50Z Datasheet HTML 3Page - STMicroelectronics STP11NK50Z Datasheet HTML 4Page - STMicroelectronics STP11NK50Z Datasheet HTML 5Page - STMicroelectronics STP11NK50Z Datasheet HTML 6Page - STMicroelectronics STP11NK50Z Datasheet HTML 7Page - STMicroelectronics STP11NK50Z Datasheet HTML 8Page - STMicroelectronics STP11NK50Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
STB11NK50Z - STP11NK50ZFP - STP11NK50Z
Electrical ratings
3/16
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
TO-220
D²PAK
TO-220FP
VDS
Drain-source voltage (VGS = 0)
500
V
VGS
Gate-source voltage
± 30
V
ID
Drain current (continuous) at TC = 25 °C
10
10(1)
1.
Limited only by maximum temperature allowed
A
ID
Drain current (continuous) at TC=100 °C
6.3
6.3(1)
A
IDM
(2)
2.
Pulse width limited by safe operating area
Drain current (pulsed)
40
40(1)
A
PTOT
Total dissipation at TC = 25 °C
125
30
W
Derating factor
1
0.24
W/°C
VESD(G-S)
Gate source ESD (HBM-C= 100 pF,
R= 1.5 k
Ω)
4000
V
dv/dt(3)
3.
ISD ≤ 10 A, di/dt ≤ 200 A/µs, VDD ≤ V(BR)DSS, Tj ≤ TJMAX.
Peak diode recovery voltage slope
4.5
V/ns
VISO
Insulation withstand voltage (DC)
--
2500
V
TJ
Tstg
Operating junction temperature
Storage temperature
-55 to 150
°C
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
TO-220
D²PAK
TO-220FP
Rthj-case
Thermal resistance junction-case max
1
4.2
°C/W
Rthj-a
Thermal resistance junction-ambient max
62.5
°C/W
Tl
Maximum lead temperature for soldering
purpose
300
°C
Table 4.
Avalanche characteristics
Symbol
Parameter
Value
Unit
IAS
Avalanche current, repetitive or not-
repetitive (pulse width limited by Tj max)
10
A
EAS
Single pulse avalanche energy
(starting TJ = 25 °C, ID=IAR, VDD = 50 V)
190
mJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com