Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP15NK50Z Datasheet(PDF) 11 Page - STMicroelectronics

Part # STP15NK50Z
Description  N-channel 500V - 0.30Ω - 14A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-protected SuperMESH??Power MOSFET
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP15NK50Z Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STP15NK50Z Datasheet HTML 7Page - STMicroelectronics STP15NK50Z Datasheet HTML 8Page - STMicroelectronics STP15NK50Z Datasheet HTML 9Page - STMicroelectronics STP15NK50Z Datasheet HTML 10Page - STMicroelectronics STP15NK50Z Datasheet HTML 11Page - STMicroelectronics STP15NK50Z Datasheet HTML 12Page - STMicroelectronics STP15NK50Z Datasheet HTML 13Page - STMicroelectronics STP15NK50Z Datasheet HTML 14Page - STMicroelectronics STP15NK50Z Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
STP15NK50Z - STP15NK50ZFP - STB15NK50Z - STB15NK50Z-1 - STW15NK50Z Package mechani-
11/19
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect . The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com