Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB15NK50Z Datasheet(PDF) 3 Page - STMicroelectronics

Part # STB15NK50Z
Description  N-channel 500V - 0.30Ω - 14A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-protected SuperMESH??Power MOSFET
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB15NK50Z Datasheet(HTML) 3 Page - STMicroelectronics

  STB15NK50Z Datasheet HTML 1Page - STMicroelectronics STB15NK50Z Datasheet HTML 2Page - STMicroelectronics STB15NK50Z Datasheet HTML 3Page - STMicroelectronics STB15NK50Z Datasheet HTML 4Page - STMicroelectronics STB15NK50Z Datasheet HTML 5Page - STMicroelectronics STB15NK50Z Datasheet HTML 6Page - STMicroelectronics STB15NK50Z Datasheet HTML 7Page - STMicroelectronics STB15NK50Z Datasheet HTML 8Page - STMicroelectronics STB15NK50Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
STP15NK50Z - STP15NK50ZFP - STB15NK50Z - STB15NK50Z-1 - STW15NK50Z Electrical ratings
3/19
1
Electrical ratings
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
TO-220/D2PAK
I2PAK/TO-247
TO-220FP
VDS
Drain-source voltage (VGS = 0)
500
V
VDGR
Drain-gate voltage (RGS = 20KΩ)
500
V
VGS
Gate-source voltage
± 30
V
ID
Drain current (continuous) at TC =
25°C
14
14(1)
1.
Limited only by maximum temperature allowed
A
ID
Drain current (continuous) at
TC=100°C
8.8
8.8(1)
A
IDM
(2)
2.
Pulse width limited by safe operating area
Drain current (pulsed)
56
56(1)
A
PTOT
Total dissipation at TC = 25°C
160
40
W
Derating Factor
1.28
0.32
W/°C
IGS
Gate-source current (DC)
± 20
mA
Vesd(G-S) G-S ESD (HBM C=100pF, R=1.5k
Ω)
4000
KV
dv/dt(3)
3.
ISD ≤14A, di/dt ≤200A/µs,VDD ≤V(BR)DSS, Tj ≤TJMAX
Peak diode recovery voltage slope
4.5
V/ns
VISO
Insulation withstand voltage (RMS)
from all three leads to external heat
sink (t=1s;TC=25°C)
--
2500
V
TJ
Tstg
Operating junction temperature
Storage temperature
-50 to 150°C
°C
Table 2.
Thermal data
Symbol
Parameter
Value
Unit
TO-220
I2PAK
D2PAK
TO-220FP
TO-247
Rthj-case
Thermal resistance junction-case
Max
0.78
3.1
0.78
°C/W
Rthj-pcb(1) Thermal resistance junction-pcb max
60
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com