Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD835G2-70UI Datasheet(PDF) 21 Page - STMicroelectronics

Part # PSD835G2-70UI
Description  Configurable Memory System on a Chip for 8-Bit Microcontrollers
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD835G2-70UI Datasheet(HTML) 21 Page - STMicroelectronics

Back Button PSD835G2-70UI Datasheet HTML 17Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 18Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 19Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 20Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 21Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 22Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 23Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 24Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 110 page
background image
PSD8XX Family
PSD835G2
20
The
PSD835G2
Functional
Blocks
(cont.)
9.1.1.5 Power-Up Condition
The PSD835G2 internal logic is reset upon power-up to the read array mode. The FSi and
CSBOOTi select signals, along with the write strobe signal, must be in the false state
during power-up for maximum security of the data contents and to remove the possibility of
data being written on the first edge of a write strobe signal. Any write cycle initiation is
locked when VCC is below VLKO.
9.1.1.6 Read
Under typical conditions, the microcontroller may read the Flash, or secondary Flash
memories using read operations just as it would a ROM or RAM device. Alternately, the
microcontoller may use read operations to obtain status information about a program or
erase operation in progress. Lastly, the microcontroller may use instructions to read
special data from these memories. The following sections describe these read functions.
9.1.1.6.1 Read the Contents of Memory
Main Flash and secodary Flash memories are placed in the read array mode after
power-up, chip reset, or a Reset Flash instruction (see Table 8). The microcontroller can
read the memory contents of main Flash or secondary Flash by using read operations any
time the read operation is not part of an instruction sequence.
9.1.1.6.2 Read the Main Flash Memory Identifier
The main Flash memory identifier is read with an instruction composed of 4 operations:
3 specific write operations and a read operation (see Table 8). The PSD835G2 main Flash
memory ID is E8h.
9.1.1.6.3 Read the Flash Memory Sector Protection Status
The Flash memory sector protection status is read with an instruction composed of 4
operations: 3 specific write operations and a read operation (see Table 8). The read
operation will produce 01h if the Flash sector is protected, or 00h if the sector is not
protected.
The sector protection status for all NVM blocks (main Flash or secondary Flash) can also
be read by the microcontroller accessing the Flash Protection and Flash Boot Protection
registers in PSD I/O space. See section 9.1.1.9.1 for register definitions.
9.1.1.6.4 Read the Erase/Program Status Bits
The PSD835G2 provides several status bits to be used by the microcontroller to confirm
the completion of an erase or programming instruction of Flash memory. These status bits
minimize the time that the microcontroller spends performing these tasks and are defined
in Table 9. The status bits can be read as many times as needed.
FSi/
CSBOOTi
DQ7
DQ6
DQ5
DQ4
DQ3
DQ2
DQ1
DQ0
Data
Toggle
Error
Erase
Flash
VIH
Polling
Flag
Flag
X
Time-
X
X
X
out
Table 9. Status Bits
NOTES: 1. X = Not guaranteed value, can be read either 1 or 0.
2. DQ7-DQ0 represent the Data Bus bits, D7-D0.
3. FSi/CSBOOTi are active high.
For Flash memory, the microcontroller can perform a read operation to obtain these status
bits while an erase or program instruction is being executed by the embedded algorithm.
See section 9.1.1.7 for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com