Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24C01FMN5TG Datasheet(PDF) 1 Page - STMicroelectronics

Part # M24C01FMN5TG
Description  16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I²C bus EEPROM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C01FMN5TG Datasheet(HTML) 1 Page - STMicroelectronics

  M24C01FMN5TG Datasheet HTML 1Page - STMicroelectronics M24C01FMN5TG Datasheet HTML 2Page - STMicroelectronics M24C01FMN5TG Datasheet HTML 3Page - STMicroelectronics M24C01FMN5TG Datasheet HTML 4Page - STMicroelectronics M24C01FMN5TG Datasheet HTML 5Page - STMicroelectronics M24C01FMN5TG Datasheet HTML 6Page - STMicroelectronics M24C01FMN5TG Datasheet HTML 7Page - STMicroelectronics M24C01FMN5TG Datasheet HTML 8Page - STMicroelectronics M24C01FMN5TG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
September 2007
Rev 10
1/34
1
M24C16, M24C08
M24C04, M24C02, M24C01
16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I²C bus EEPROM
Features
■
Two-wire I²C serial interface
Supports 400 kHz protocol
■
Single supply voltage:
– 2.5 V to 5.5 V for M24Cxx-W
– 1.8 V to 5.5 V for M24Cxx-R
– 1.7 V to 5.5 V for M24Cxx-F
■
Write Control input
■
Byte and Page Write (up to 16 bytes)
■
Random and Sequential Read modes
■
Self-timed programming cycle
■
Automatic address incrementing
■
Enhanced ESD/latch-up protection
■
More than 1 million write cycles
■
More than 40-year data retention
■
Packages
– ECOPACK® (RoHS compliant)
Table 1.
Device summary
Reference
Part number
M24C16
M24C16-W
M24C16-R
M24C16-F
M24C08
M24C08-W
M24C08-R
M24C08-F
M24C04
M24C04-W
M24C04-R
M24C04-F
M24C02
M24C02-W
M24C02-R
M24C01
M24C01-W
M24C01-R
PDIP8 (BN)
SO8 (MN)
150 mils width
TSSOP8 (DW)
169 mils width
TSSOP8 (DS)
3 x 3 mm body size
UFDFPN8 (MB)
2 x 3 mm (MLP)
www.st.com


Similar Part No. - M24C01FMN5TG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24C01 STMICROELECTRONICS-M24C01 Datasheet
208Kb / 29P
16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit Serial I2C Bus EEPROM
17-Mar-2004
M24C01 STMICROELECTRONICS-M24C01 Datasheet
510Kb / 39P
16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
29-Apr-2010
M24C01 STMICROELECTRONICS-M24C01 Datasheet
453Kb / 38P
16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I²C bus EEPROM
15-Apr-2011
M24C01-BN3T STMICROELECTRONICS-M24C01-BN3T Datasheet
208Kb / 29P
16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit Serial I2C Bus EEPROM
17-Mar-2004
M24C01-BN3T/G STMICROELECTRONICS-M24C01-BN3T/G Datasheet
208Kb / 29P
16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit Serial I2C Bus EEPROM
17-Mar-2004
More results

Similar Description - M24C01FMN5TG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24C16 STMICROELECTRONICS-M24C16_10 Datasheet
510Kb / 39P
16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
29-Apr-2010
M24C01-WMN6P STMICROELECTRONICS-M24C01-WMN6P Datasheet
453Kb / 38P
16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
15-Apr-2011
M24C02-WBN6P STMICROELECTRONICS-M24C02-WBN6P Datasheet
453Kb / 38P
16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I²C bus EEPROM
15-Apr-2011
M24C04-BN6 STMICROELECTRONICS-M24C04-BN6 Datasheet
453Kb / 38P
16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I²C bus EEPROM
15-Apr-2011
M24C04-FMC5TG STMICROELECTRONICS-M24C04-FMC5TG Datasheet
453Kb / 38P
16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I²C bus EEPROM
15-Apr-2011
M24C04-WMN6 STMICROELECTRONICS-M24C04-WMN6 Datasheet
453Kb / 38P
16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I²C bus EEPROM
15-Apr-2011
M24C04-WMN6P STMICROELECTRONICS-M24C04-WMN6P Datasheet
453Kb / 38P
16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I²C bus EEPROM
Apr-2011
M24C16-RBN6P STMICROELECTRONICS-M24C16-RBN6P Datasheet
453Kb / 38P
16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I²C bus EEPROM
15-Apr-2011
M24C16-RMN6P STMICROELECTRONICS-M24C16-RMN6P Datasheet
453Kb / 38P
16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I²C bus EEPROM
15-Apr-2011
M24C16-WMN6P STMICROELECTRONICS-M24C16-WMN6P Datasheet
453Kb / 38P
16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I²C bus EEPROM
15-Apr-2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com