Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24C64WCS5TG Datasheet(PDF) 9 Page - STMicroelectronics

Part # M24C64WCS5TG
Description  128 Kbit, 64 Kbit and 32 Kbit serial I²C bus EEPROM
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C64WCS5TG Datasheet(HTML) 9 Page - STMicroelectronics

Back Button M24C64WCS5TG Datasheet HTML 5Page - STMicroelectronics M24C64WCS5TG Datasheet HTML 6Page - STMicroelectronics M24C64WCS5TG Datasheet HTML 7Page - STMicroelectronics M24C64WCS5TG Datasheet HTML 8Page - STMicroelectronics M24C64WCS5TG Datasheet HTML 9Page - STMicroelectronics M24C64WCS5TG Datasheet HTML 10Page - STMicroelectronics M24C64WCS5TG Datasheet HTML 11Page - STMicroelectronics M24C64WCS5TG Datasheet HTML 12Page - STMicroelectronics M24C64WCS5TG Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
M24128, M24C64, M24C32
Signal description
9/39
2.5
VSS ground
VSS is the reference for the VCC supply voltage.
2.6
Supply voltage (VCC)
2.6.1
Operating supply voltage VCC
Prior to selecting the memory and issuing instructions to it, a valid and stable VCC voltage
within the specified [VCC(min), VCC(max)] range must be applied (see Table 9 and Table 10).
In order to secure a stable DC supply voltage, it is recommended to decouple the VCC line
with a suitable capacitor (usually of the order of 10 nF to 100 nF) close to the VCC/VSS
package pins.
This voltage must remain stable and valid until the end of the transmission of the instruction
and, for a Write instruction, until the completion of the internal write cycle (tW).
2.6.2
Power-up conditions
When the power supply is turned on, VCC rises from VSS to VCC. The VCC rise time must not
vary faster than 1V/µs.
2.6.3
Device reset
In order to prevent inadvertent Write operations during power-up, a power on reset (POR)
circuit is included. At power-up (continuous rise of VCC), the device does not respond to any
instruction until VCC has reached the power on reset threshold voltage (this threshold is
lower than the minimum VCC operating voltage defined in Table 9 and Table 10). Until VCC
passes over the POR threshold, the device is reset and in Standby Power mode.
In a similar way, during power-down (continuous decay of VCC), as soon as VCC drops below
the POR threshold voltage, the device is reset and stops responding to any instruction sent
to it.
2.6.4
Power-down conditions
During power-down (continuous decay of VCC), the device must be in Standby Power mode
(mode reached after decoding a Stop condition, assuming that there is no internal Write
cycle in progress).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com