Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS4045CP Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS4045CP
Description  POWER SCHOTTKY RECTIFIERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS4045CP Datasheet(HTML) 1 Page - STMicroelectronics

  STPS4045CP Datasheet HTML 1Page - STMicroelectronics STPS4045CP Datasheet HTML 2Page - STMicroelectronics STPS4045CP Datasheet HTML 3Page - STMicroelectronics STPS4045CP Datasheet HTML 4Page - STMicroelectronics STPS4045CP Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
STPS4045CP/CW
June 1999 - Ed: 3B
POWER SCHOTTKY RECTIFIERS
®
Dual center tap Schottky rectifier suited for
switchmode power supply and high frequency DC
to DC converters.
Packaged either in SOT-93 or TO-247 this device
is intended for use in low voltage, high frequency
inverters, free wheeling and polarity protection
applications.
DESCRIPTION
SOT-93
STPS4045CP
VERY SMALL CONDUCTION LOSSES
NEGLIGIBLE SWITCHING LOSSES
EXTREMELY FAST SWITCHING
LOW THERMAL RESISTANCE
FEATURES AND BENEFITS
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
45
V
IF(RMS)
RMS forward current
30
A
IF(AV)
Average forward current
Tc = 150
°C
δ = 0.5
Per diode
Per device
20
40
A
IFSM
Surge non repetitive forward current
tp = 10 ms sinusoidal
220
A
IRRM
Repetitive Peak reverse current
tp = 2
µs square
F = 1kHz
1A
IRSM
Non repetitive peak reverse current
tp = 100
µs square
3A
Tstg
Storage temperature range
- 65 to + 175
°C
Tj
Maximum operating junction temperature *
175
°C
dV/dt
Critical rate of rise of reverse voltage
10000
V/
µs
ABSOLUTE RATINGS (limiting values, per diode)
A1
K
A2
K
A1
A2
IF(av)
2 x 20 A
VRRM
45 V
Tj (max)
175
°C
VF (max)
0.63 V
MAIN PRODUCTS CHARACTERISTICS
TO-247
STPS4045CW
A1
K
A2
*:
dPtot
dTj
<
1
Rth
(j−a)
thermal runaway condition for a diode on its own heatsink
1/5


Similar Part No. - STPS4045CP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS4045C STMICROELECTRONICS-STPS4045C Datasheet
115Kb / 8P
Power Schottky rectifiers
09-Nov-2009
STPS4045C-Y STMICROELECTRONICS-STPS4045C-Y Datasheet
146Kb / 8P
Automotive power Schottky rectifiers
17-Dec-2013
STPS4045CT STMICROELECTRONICS-STPS4045CT Datasheet
115Kb / 8P
Power Schottky rectifiers
09-Nov-2009
STPS4045CW STMICROELECTRONICS-STPS4045CW Datasheet
115Kb / 8P
Power Schottky rectifiers
09-Nov-2009
More results

Similar Description - STPS4045CP

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
USD3030S MICROSEMI-USD3030S Datasheet
87Kb / 2P
POWER SCHOTTKY RECTIFIERS
USD4030C MICROSEMI-USD4030C Datasheet
89Kb / 2P
POWER SCHOTTKY RECTIFIERS
USD4030S MICROSEMI-USD4030S Datasheet
86Kb / 2P
POWER SCHOTTKY RECTIFIERS
USD520-1 MICROSEMI-USD520-1 Datasheet
99Kb / 2P
POWER SCHOTTKY RECTIFIERS
USD635 MICROSEMI-USD635 Datasheet
87Kb / 2P
POWER SCHOTTKY RECTIFIERS
USD735 MICROSEMI-USD735 Datasheet
84Kb / 2P
POWER SCHOTTKY RECTIFIERS
logo
STMicroelectronics
STPS1100U STMICROELECTRONICS-STPS1100U Datasheet
103Kb / 5P
POWER SCHOTTKY RECTIFIERS
Apr-1997
logo
Microsemi Corporation
USD520 MICROSEMI-USD520_03 Datasheet
135Kb / 3P
POWER SCHOTTKY RECTIFIERS
logo
New Jersey Semi-Conduct...
1N6392 NJSEMI-1N6392 Datasheet
106Kb / 1P
POWER SCHOTTKY RECTIFIERS
USD835 NJSEMI-USD835 Datasheet
94Kb / 1P
POWER SCHOTTKY RECTIFIERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com