Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2801SWAF095 Datasheet(PDF) 9 Page - Power Analog Micoelectronics

Part # PAM2801SWAF095
Description  1W High Power White LED Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2801SWAF095 Datasheet(HTML) 9 Page - Power Analog Micoelectronics

  PAM2801SWAF095 Datasheet HTML 1Page - Power Analog Micoelectronics PAM2801SWAF095 Datasheet HTML 2Page - Power Analog Micoelectronics PAM2801SWAF095 Datasheet HTML 3Page - Power Analog Micoelectronics PAM2801SWAF095 Datasheet HTML 4Page - Power Analog Micoelectronics PAM2801SWAF095 Datasheet HTML 5Page - Power Analog Micoelectronics PAM2801SWAF095 Datasheet HTML 6Page - Power Analog Micoelectronics PAM2801SWAF095 Datasheet HTML 7Page - Power Analog Micoelectronics PAM2801SWAF095 Datasheet HTML 8Page - Power Analog Micoelectronics PAM2801SWAF095 Datasheet HTML 9Page - Power Analog Micoelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Outline Dimension
SOT 23 6
--
SOT 23 6
--
GAUGE PLANE
SEATING PLANE
GAUGE PLANE
SEATING PLANE
VIEW B
VIEW B
L1
L
WITH PLANTING
WITH PLANTING
BASE METAL
BASE METAL
SECTION A-A
SECTION A-A
b
SEE VIEWS
SEE VIEWS
A
A
e1
e
Symbol
A
A1
A2
b
c
D
E
Spec
1.20±0.25 0.10±0.05
1.10±0.2
0.40±0.1
0.15±0.0.7
2.90±0.1
2.80±0.2
Symbol
E11
e
e 1
L
L1
θ
Spec
1.60±0.1
0.95BSC
1.90BSC
0.55±0.25
0.60REF
4°±4°
9
08/2007
PAM2801
1W High Power White LED Driver
,
Power Analog Microelectronics Inc
www.poweranalog.com



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com