Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS40L15CT Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS40L15CT
Description  LOW DROP OR-ing POWER SCHOTTKY DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS40L15CT Datasheet(HTML) 1 Page - STMicroelectronics

  STPS40L15CT Datasheet HTML 1Page - STMicroelectronics STPS40L15CT Datasheet HTML 2Page - STMicroelectronics STPS40L15CT Datasheet HTML 3Page - STMicroelectronics STPS40L15CT Datasheet HTML 4Page - STMicroelectronics STPS40L15CT Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
STPS40L15CW/CT
November 1999 - Ed: 4A
LOW DROP OR-ing POWER SCHOTTKY DIODE
®
Dual center tap schottky rectifier packaged in
TO-220AB and TO-247, this device is especially
intended for use as OR-ing diode in fault tolerant
power supply equipments.
DESCRIPTION
VERY LOW FORWARD VOLTAGE DROP FOR
LESS POWER DISSIPATION AND REDUCED
HEATSINK SIZE
REVERSE VOLTAGE SUITED TO OR-ing OF
3V, 5V and 12V RAILS
FEATURES AND BENEFITS
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
15
V
IF(RMS)
RMS forward current
30
A
IF(AV)
Average forward current
Tcase = 140
°C
δ = 1
Total
40
A
Per diode
20
IFSM
Surge non repetitive forward current
tp = 10 ms Sinusoidal
310
A
IRRM
Peak repetitive reverse current
tp = 2
µs F = 1kHz
2A
IRSM
Non repetitive peak reverse current
tp = 100
µs
3A
Tstg
Storage temperature range
- 65 to + 150
°C
Tj
Maximum operating junction temperature *
150
°C
dV/dt
Critical rate of rise of reverse voltage
10000
V/
µs
ABSOLUTE RATINGS (limiting values, per diode)
A1
K
A2
IF(AV)
2 x 20 A
VRRM
15 V
Tj (max)
150°C
VF (max)
0.33 V
MAJOR PRODUCT CHARACTERISTICS
TO-247
STPS40L15CW
A1
K
A2
* :
dPtot
dTj
<
1
Rth
(j−a)
thermal runaway condition for a diode on its own heatsink
A1
K
A2
TO-220AB
STPS40L15CT
1/5


Similar Part No. - STPS40L15CT

ManufacturerPart #DatasheetDescription
logo
International Rectifier
STPS40L15CT IRF-STPS40L15CT Datasheet
187Kb / 6P
SCHOTTKY RECTIFIER
logo
Vishay Siliconix
STPS40L15CT VISHAY-STPS40L15CT Datasheet
113Kb / 6P
Schottky Rectifier, 2 x 20 A
22-Aug-08
STPS40L15CT VISHAY-STPS40L15CT Datasheet
116Kb / 6P
Schottky Rectifier, 2 x 20 A
03-Sep-08
logo
STMicroelectronics
STPS40L15CT STMICROELECTRONICS-STPS40L15CT Datasheet
83Kb / 5P
LOW DROP OR-ing POWER SCHOTTKY DIODE
Jul-2003
STPS40L15CT STMICROELECTRONICS-STPS40L15CT Datasheet
112Kb / 8P
Low drop OR-ing power Schottky diode
18-Jul-2011
More results

Similar Description - STPS40L15CT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS120L15TV STMICROELECTRONICS-STPS120L15TV Datasheet
46Kb / 4P
LOW DROP OR-ing POWER SCHOTTKY DIODE
Jul-1999
STPS20L15D STMICROELECTRONICS-STPS20L15D Datasheet
93Kb / 5P
LOW DROP OR-ing POWER SCHOTTKY DIODE
Jul-1999
STPS60L15CW STMICROELECTRONICS-STPS60L15CW Datasheet
57Kb / 4P
LOW DROP OR-ing POWER SCHOTTKY DIODE
Jul-2003
STPS80L15CY STMICROELECTRONICS-STPS80L15CY Datasheet
131Kb / 5P
LOW DROP OR-ing POWER SCHOTTKY RECTIFIER
Jul-2003
STPS80L15TV STMICROELECTRONICS-STPS80L15TV Datasheet
49Kb / 4P
LOW DROP OR-ing POWER SCHOTTKY DIODE
Jul-1999
STPS20L15D STMICROELECTRONICS-STPS20L15D_03 Datasheet
92Kb / 5P
LOW DROP OR-ing POWER SCHOTTKY DIODE
Jul-2003
STPS40L15CW STMICROELECTRONICS-STPS40L15CW_03 Datasheet
83Kb / 5P
LOW DROP OR-ing POWER SCHOTTKY DIODE
Jul-2003
STPS40L15C STMICROELECTRONICS-STPS40L15C_11 Datasheet
112Kb / 8P
Low drop OR-ing power Schottky diode
18-Jul-2011
STPS40L15C STMICROELECTRONICS-STPS40L15C Datasheet
112Kb / 8P
Low drop OR-ing power Schottky diode
18-Jul-2011
logo
IXYS Corporation
DSS2X200-0008D IXYS-DSS2X200-0008D Datasheet
165Kb / 1P
OR-ing Power Schottky Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com