Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2846 Datasheet(PDF) 11 Page - Power Analog Micoelectronics

Part # PAM2846
Description  Integrated 6 String LED Boost Type Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2846 Datasheet(HTML) 11 Page - Power Analog Micoelectronics

Back Button PAM2846 Datasheet HTML 6Page - Power Analog Micoelectronics PAM2846 Datasheet HTML 7Page - Power Analog Micoelectronics PAM2846 Datasheet HTML 8Page - Power Analog Micoelectronics PAM2846 Datasheet HTML 9Page - Power Analog Micoelectronics PAM2846 Datasheet HTML 10Page - Power Analog Micoelectronics PAM2846 Datasheet HTML 11Page - Power Analog Micoelectronics PAM2846 Datasheet HTML 12Page - Power Analog Micoelectronics PAM2846 Datasheet HTML 13Page - Power Analog Micoelectronics PAM2846 Datasheet HTML 14Page - Power Analog Micoelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
PAM2846
Integrated 6 String LED Boost Type Driver
,
Power Analog Microelectronics Inc
11
www.poweranalog.com
Method 1: LED Current Setting with External
Resistor R
Method 2: LED Current Setting Using PWM
Signal to PWMD Pin
Method 3: LED Current Setting with single
wire logic to ENA Pin
Setting the Over Voltage Protection
LED Short Protection
LED Open Protection
ISET
The most basic means of setting the LED current
is connecting a resistor between R
and GND.
The LED current is decided by I
Resistor.
I
=228/ R
This circuit uses resistor R
to set the on state
current and the average LED current, then
proportional to the percentage of on-time when
the PWMD pin is logic low. Average LED current
is approximately equal to:
I= (
*I)/ (t + t )
Also, the recommended PWM frequency is
between 100Hz and 1kHz. Frequency <100Hz
can cause the LEDs to blink visibly.
When the LEDs are enabled by high level, the
LED current initially goes to I
. Dimming is done
by pulsing ENA low (500ns to 10 s pulse width).
Each pulse reduces the LED current by 1/32, so
after one pulse the LED current is 31/32*I
. The
32th pulse sets the LED current back to
.
Figure 1 shows a timing diagram for EN.
The OVP pin is connected to the center tap of a
resistive voltage divider (R and R in Typical
Application diagram) from the high-voltage
output.
V
=V (1+R/R)
The r ecommend procedure i s t o c hoose
R =300k
and R =9.2k
to set V
=40V. This
OVP pin is used for over voltage protect, not for
output voltage regulate.
The control loop is related to all six LED sinks.
When one or more LED(s) is/are opened, the
sink will have no current and the device will work
in unstable open loop state. The
voltage will
be limited by external resistor divider or
.
ISET
SET
LED
ISET
ISET
on
off
LED
LED
12
out_limit
ov
2
1
2
1
out_limit
t
I
on
LED
μ
ΩΩ
The PAM2846 uses LED_OVP function to protect
devices when one or more LED(s) is/are shorted.
V= V
– V * N
Normally
is around 0.4V and
is decided
by LED numbers. When one or more LED(s)
is/are shorted, the PAM2846 will clamp
to
make sure all LED pins’ voltage is less then 5V.
With this function
will be clamped at
(5V+
*N
).
Note:
: LED pin voltage
: Output voltage
Vf : LED forward voltage
: The minimum LED numbers among all
strings.
LED
OUT
f
MIN
VV
V
V
V
N
V
5V+V *N
, whichever is lower
LED
OUT
f
LED
OUT
MIN
OUT
fMIN
V
V
OUT
OUT
07/2008 Rev 1.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com