Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2810LED4A Datasheet(PDF) 5 Page - Power Analog Micoelectronics

Part # PAM2810LED4A
Description  4-Channel Programmable LED Current Sink
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2810LED4A Datasheet(HTML) 5 Page - Power Analog Micoelectronics

  PAM2810LED4A Datasheet HTML 1Page - Power Analog Micoelectronics PAM2810LED4A Datasheet HTML 2Page - Power Analog Micoelectronics PAM2810LED4A Datasheet HTML 3Page - Power Analog Micoelectronics PAM2810LED4A Datasheet HTML 4Page - Power Analog Micoelectronics PAM2810LED4A Datasheet HTML 5Page - Power Analog Micoelectronics PAM2810LED4A Datasheet HTML 6Page - Power Analog Micoelectronics PAM2810LED4A Datasheet HTML 7Page - Power Analog Micoelectronics PAM2810LED4A Datasheet HTML 8Page - Power Analog Micoelectronics PAM2810LED4A Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Efficiency VS Input Voltage
0
10
20
30
40
50
60
70
80
90
100
3
3.25
3.5
3.75
4
4.25
4.5
Input Voltage(V)
Typical Performance Characteristics
,
Power Analog Microelectronics Inc
5
www.poweranalog.com
PAM2810
4-Channel Programmable LED Current Sink
07/2008 Rev 1.1
T =25°C, V =3.6V, R
=5.1k
V
=0.5V, unless otherwise noted.
A
IN
SET
LEDX
Ω,
VIset VS Input Voltage
1.2075
1.2085
1.2095
1.2105
1.2115
1.2125
1.2135
33.544.555.5
Input Voltage(V)
LED Current VS Rset
0
5
10
15
20
25
30
35
40
45
50
0
5
10
15
20
Rset(kΩ)
LED Current vs PWM Duty Cycle
0
5
10
15
20
25
30
020
40
60
80
100
PWM Duty Cycle (%)
Rset=6.2k
LED Current VS LED Pin Voltage
0
5
10
15
20
25
30
35
40
45
0
0.3
0.6
0.9
1.2
1.5
LED Pin Voltage(V)
R=12.7KΩ
R=6.2KΩ
R=4.3KΩ
R=3.2KΩ
LED Curent VS Input Voltage
0
5
10
15
20
25
30
35
40
45
33.5
44.5
55.5
Input Voltage(V)
R=12.7KΩ
R=6.2KΩ
R=4.3KΩ
R=3.2KΩ



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com