Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY4606 Datasheet(PDF) 21 Page - Cypress Semiconductor

Part # CY4606
Description  EZ-USB HX2LP?? Low-Power USB 2.0 Hub Controller Family
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY4606 Datasheet(HTML) 21 Page - Cypress Semiconductor

Back Button CY4606 Datasheet HTML 17Page - Cypress Semiconductor CY4606 Datasheet HTML 18Page - Cypress Semiconductor CY4606 Datasheet HTML 19Page - Cypress Semiconductor CY4606 Datasheet HTML 20Page - Cypress Semiconductor CY4606 Datasheet HTML 21Page - Cypress Semiconductor CY4606 Datasheet HTML 22Page - Cypress Semiconductor CY4606 Datasheet HTML 23Page - Cypress Semiconductor CY4606 Datasheet HTML 24Page - Cypress Semiconductor CY4606 Datasheet HTML 25Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
CY7C656xx
Document #: 38-08037 Rev. *J
Page 21 of 25
Electrical Characteristics
Absolute Maximum Ratings
Storage Temperature ................................ –65°C to +150 °C
Ambient Temperature with Power Applied:
Commercial
....................................... 0°C to +70°C
Automotive
................................... –40°C to +85°C
Supply Voltage to Ground Potential ...............–0.5V to +4.0V
DC Voltage Applied to Outputs
in High Z State ....................................... –0.5V to VCC + 0.5V
Power Dissipation (4 HS ports)..................................... 0.9 W
Static Discharge Voltage........................................... > 2000V
Maximum Output Sink Current per I/O ........................ 10 mA
Operating Conditions
TA (Ambient Temperature Under Bias)
Commercial
........................... 0°C to +70°C
Automotive
....................... –40°C to +85°C
Supply Voltage............................................+3.15V to +3.45V
Ground Voltage.................................................................. 0V
FOSC (Oscillator or Crystal Frequency)...... 24 MHz ± 0.05%
parallel resonant,
12-pF load capacitance,
0.5 mW
USB Transceiver
USB 2.0 certified in full, low, and high speed modes.
AC Electrical Characteristics
Both the upstream USB transceiver and all four downstream transceivers have passed the USB-IF USB 2.0 Electrical
Certification Testing.
DC Electrical Characteristics
Parameter
Description
Conditions
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
3.15
3.3
3.45
V
VCC RampUp Ramp rate on VCC
18
V/ms
VIH
Input High Voltage
2
5.25
V
VIL
Input Low Voltage
–0.5
0.8
V
Il
Input Leakage Current
0 < VIN < VCC
±10
μA
VOH
Output Voltage High
IOUT = 4 mA
2.4
V
VOL
Output Low Voltage
IOUT = –4 mA
0.4
V
IOH
Output Current High
4mA
IOL
Output Current Low
4mA
CIN
Input Pin Capacitance
10
pF
ISUSP
Suspend Current
80
μA
ICC
Supply Current
4 Active ports
Full-speed Host, Full-speed Devices
86
110
mA
High-speed Host, High-speed Devices
231
260
mA
High-speed Host, Full-speed Devices
154
180
mA
2 Active Ports
Full-speed Host, Full-speed Devices
77
100
mA
High-speed Host, High-speed Devices
163
190
mA
High-speed Host, Full-speed Devices
136
160
mA
No Active Ports
Full-speed Host
65
90
mA
High-speed Host
93
120
mA
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com