Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM3115BEC280 Datasheet(PDF) 11 Page - Power Analog Micoelectronics

Part # PAM3115BEC280
Description  1.5A Low Voltage-Low Dropout CMOS Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM3115BEC280 Datasheet(HTML) 11 Page - Power Analog Micoelectronics

Back Button PAM3115BEC280 Datasheet HTML 7Page - Power Analog Micoelectronics PAM3115BEC280 Datasheet HTML 8Page - Power Analog Micoelectronics PAM3115BEC280 Datasheet HTML 9Page - Power Analog Micoelectronics PAM3115BEC280 Datasheet HTML 10Page - Power Analog Micoelectronics PAM3115BEC280 Datasheet HTML 11Page - Power Analog Micoelectronics PAM3115BEC280 Datasheet HTML 12Page - Power Analog Micoelectronics PAM3115BEC280 Datasheet HTML 13Page - Power Analog Micoelectronics PAM3115BEC280 Datasheet HTML 14Page - Power Analog Micoelectronics PAM3115BEC280 Datasheet HTML 15Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Ordering Information
Please consult PAM sales office or authorized Rep
Distributor for output voltage and package type
availability
./
.
11
PAM3115
XXXX
Output Voltage
Number of Pins
Package Type
Pin Configuration
08/2007
PAM3115
1.5A Low Voltage-Low Dropout CMOS Regulator
Pin Configuration
Package Type
Number of Pins
Output Voltage
AType
1. VIN
2. GND
3. VOUT
BType
1. GND
2. VIN
3. EN
4. GND
5. PWRGD
6. SENSE
7. VOUT
8.
GND
B: SOT-223
L: TO-252
E: SOP-8
A: 3
C: 8
090: 0.9V
100: 1.0V
120: 1.2V
150: 1.5V
180: 1.8V
250: 2.5V
280: 2.8V
285: 2.85V
300: 3.0V
330: 3.3V
,
Power Analog Microelectronics Inc
www.poweranalog.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com