Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD151TS304RP Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HD151TS304RP
Description  Spread Spectrum Clock for EMI Solution
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD151TS304RP Datasheet(HTML) 2 Page - Renesas Technology Corp

  HD151TS304RP Datasheet HTML 1Page - Renesas Technology Corp HD151TS304RP Datasheet HTML 2Page - Renesas Technology Corp HD151TS304RP Datasheet HTML 3Page - Renesas Technology Corp HD151TS304RP Datasheet HTML 4Page - Renesas Technology Corp HD151TS304RP Datasheet HTML 5Page - Renesas Technology Corp HD151TS304RP Datasheet HTML 6Page - Renesas Technology Corp HD151TS304RP Datasheet HTML 7Page - Renesas Technology Corp HD151TS304RP Datasheet HTML 8Page - Renesas Technology Corp HD151TS304RP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
HD151TS304RP
Rev.6.00 Apr 07, 2006 page 2 of 9
Block Diagram
Synthesizer
Mode Control
1/n
OSC
SSC Modulator
VDD
CLKOUT
SSCCLKOUT
GND
SEL0
XIN
XOUT
SEL1
1/m
R=100 k
Ω
R=1 M
Ω
R=100 k
Ω
Pin Arrangement
(Top view)
8
SEL1
1
7
CLKOUT
6
SEL0
5
XOUT
SSCCLKOUT
2
VDD
3
GND
4
XIN
SSC Function Table
SEL1 :0
Spread Percentage
0 0
±0.5%
0 1
±1.5%
1 0
SSC OFF
1 1
±0.25%
Note:
±1.5% SSC is selected for default by internal pull-up & down resistors.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com