Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM3115BEC300 Datasheet(PDF) 6 Page - Power Analog Micoelectronics

Part # PAM3115BEC300
Description  1.5A Low Voltage-Low Dropout CMOS Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM3115BEC300 Datasheet(HTML) 6 Page - Power Analog Micoelectronics

Back Button PAM3115BEC300 Datasheet HTML 2Page - Power Analog Micoelectronics PAM3115BEC300 Datasheet HTML 3Page - Power Analog Micoelectronics PAM3115BEC300 Datasheet HTML 4Page - Power Analog Micoelectronics PAM3115BEC300 Datasheet HTML 5Page - Power Analog Micoelectronics PAM3115BEC300 Datasheet HTML 6Page - Power Analog Micoelectronics PAM3115BEC300 Datasheet HTML 7Page - Power Analog Micoelectronics PAM3115BEC300 Datasheet HTML 8Page - Power Analog Micoelectronics PAM3115BEC300 Datasheet HTML 9Page - Power Analog Micoelectronics PAM3115BEC300 Datasheet HTML 10Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
2. Output Voltage vs Output Current
Vo=0.9V
0.895
0.900
0.905
0.910
0.915
0.920
0
300
600
900
1200
1500
Output Current(mA)
VIN=1.5V
VIN=2.5
VIN=3.3V
Vo=1.5V
1.496
1.498
1.500
1.502
1.504
1.506
1.508
1.510
1.512
0
300
600
900
1200
1500
Output Current(mA)
VIN=2.0V
VIN=2.5V
VIN=3.3V
Vo=2.5V
2.480
2.485
2.490
2.495
2.500
2.505
2.510
2.515
0
300
600
900
1200
1500
Output Current(mA)
VIN=3.0V
VIN=3.3V
VIN=3.6V
3. Output Voltage vs Temperature
Vo=0.9V, V =3.3V
IN
0.855
0.865
0.875
0.885
0.895
0.905
0.915
030
60
90
120
150
Temperature(
℃)
Io=10mA
Io=500mA
Vo=1.5V, V =3.3V
IN
1.40
1.42
1.44
1.46
1.48
1.50
1.52
0
30
60
90
120
150
Temperature(
℃)
Io=10mA
Io=500mA
Vo=2.5V, V =3.3V
IN
2.30
2.35
2.40
2.45
2.50
2.55
0
30
60
90
120
150
Temperature(
℃)
Io=10mA
Io=500mA
Typical Performance Characteristics(continued)
08/2007
PAM3115
1.5A Low Voltage-Low Dropout CMOS Regulator
,
Power Analog Microelectronics Inc
www.poweranalog.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com