Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1SS82 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 1SS82
Description  Silicon Epitaxial Planar Diode for High Voltage Switching
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

1SS82 Datasheet(HTML) 1 Page - Renesas Technology Corp

  1SS82 Datasheet HTML 1Page - Renesas Technology Corp 1SS82 Datasheet HTML 2Page - Renesas Technology Corp 1SS82 Datasheet HTML 3Page - Renesas Technology Corp 1SS82 Datasheet HTML 4Page - Renesas Technology Corp 1SS82 Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Rev.3.00 Mar 22, 2005 page 1 of 4
1SS82
Silicon Epitaxial Planar Diode for High Voltage Switching
REJ03G0562-0300
(Previous: ADE-208-149B)
Rev.3.00
Mar 22, 2005
Features
• High reverse voltage. (VR = 200 V)
• High reliability with glass seal.
Ordering Information
Type No.
Cathode band
2nd band
Package Name
Package Code
(Previous Code)
1SS82
Verdure
Light Blue
DO-35
GRZZ0002ZB-A
(DO-35)
Pin Arrangement
1
2
Cathode band
2nd band
1. Cathode
2. Anode


Similar Part No. - 1SS82

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
1SS82 HITACHI-1SS82 Datasheet
26Kb / 6P
Silicon Epitaxial Planar Diode for High Voltage Switching
More results

Similar Description - 1SS82

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HSS81 HITACHI-HSS81 Datasheet
26Kb / 6P
Silicon Epitaxial Planar Diode for High Voltage Switching
HSS82 HITACHI-HSS82 Datasheet
26Kb / 6P
Silicon Epitaxial Planar Diode for High Voltage Switching
logo
Renesas Technology Corp
1SS81 RENESAS-1SS81 Datasheet
138Kb / 5P
Silicon Epitaxial Planar Diode for High Voltage Switching
1SS83 RENESAS-1SS83 Datasheet
140Kb / 5P
Silicon Epitaxial Planar Diode for High Voltage Switching
HSB83 RENESAS-HSB83 Datasheet
51Kb / 5P
Silicon Epitaxial Planar Diode for High Voltage Switching
HSB83YP RENESAS-HSB83YP Datasheet
85Kb / 5P
Silicon Epitaxial Planar Diode for High Voltage Switching
HSS82 RENESAS-HSS82 Datasheet
144Kb / 5P
Silicon Epitaxial Planar Diode for High Voltage Switching
HSK83 RENESAS-HSK83 Datasheet
52Kb / 5P
Silicon Epitaxial Planar Diode for High Voltage Switching
RKH0160AKU RENESAS-RKH0160AKU Datasheet
84Kb / 8P
Silicon Epitaxial Planar Diode for High Voltage Switching
RKS101KG RENESAS-RKS101KG Datasheet
204Kb / 8P
Silicon Epitaxial Planar Diode for High Voltage Switching
Nov 28, 2008
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com