Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS41L30CG Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPS41L30CG
Description  LOW DROP POWER SCHOTTKY RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS41L30CG Datasheet(HTML) 3 Page - STMicroelectronics

  STPS41L30CG Datasheet HTML 1Page - STMicroelectronics STPS41L30CG Datasheet HTML 2Page - STMicroelectronics STPS41L30CG Datasheet HTML 3Page - STMicroelectronics STPS41L30CG Datasheet HTML 4Page - STMicroelectronics STPS41L30CG Datasheet HTML 5Page - STMicroelectronics STPS41L30CG Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
STPS41L30CG / STPS41L30CT / STPS41L30CR
3/6
0
50
100
150
200
250
300
1.E-03
1.E-02
1.E-01
1.E+00
t(s)
Tc=25°C
Tc=75°C
Tc=125°C
IM(A)
IM
t
δ=0.5
Fig. 5: Non repetitive surge peak forward current
versus overload duration (maximum values).
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
0
5
10
15
20
25
30
VR(V)
Tj=150°C
Tj=125°C
Tj=25°C
Tj=100°C
Tj=75°C
Tj=50°C
IR(mA)
Fig. 7: Reverse leakage current versus reverse
voltage applied (typical values).
1
10
100
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
VFM(V)
Tj=25°C
(Maximum values)
Tj=125°C
(Maximum values)
Tj=125°C
(Maximum values)
Tj=125°C
(Typical values)
Tj=125°C
(Typical values)
IFM(A)
Fig. 9: Forward voltage drop versus forward current.
0
10
20
30
40
50
60
70
80
0
5
10
15
20
25
30
35
40
S(cm²)
Rth(j-a)(°C/W)
Fig. 10: Thermal resistance junction to ambient ver-
sus copper surface under tab (epoxy printed board
FR4, Cu = 35µm) (STPS41L30CG only).
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-03
1.E-02
1.E-01
1.E+00
tp(s)
T
δ=tp/T
tp
Zth(j-c)/Rth(j-c)
δ = 0.5
δ = 0.2
δ = 0.1
Single pulse
Fig. 6: Relative variation of thermal impedance
junction to case versus pulse duration.
0.1
1.0
10.0
1
10
100
VR(V)
F=1MHz
Vosc=30mV
Tj=25°C
C(nF)
Fig. 8: Junction capacitance versus reverse voltage
applied (typical values).



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com