Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1SS83 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 1SS83
Description  Silicon Epitaxial Planar Diode for High Voltage Switching
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

1SS83 Datasheet(HTML) 2 Page - Renesas Technology Corp

  1SS83 Datasheet HTML 1Page - Renesas Technology Corp 1SS83 Datasheet HTML 2Page - Renesas Technology Corp 1SS83 Datasheet HTML 3Page - Renesas Technology Corp 1SS83 Datasheet HTML 4Page - Renesas Technology Corp 1SS83 Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
1SS83
Rev.3.00 Apr 18, 2005 page 2 of 4
Absolute Maximum Ratings
(Ta = 25
°C)
Item
Symbol
Value
Unit
Peak reverse voltage
VRM *
1
300
V
Reverse voltage
VR
250
V
Average rectified current
IO
200
mA
Peak forward current
IFM
625
mA
Non-Repetitive peak forward surge current
IFSM *
2
1
A
Power dissipation
Pd
400
mW
Junction temperature
Tj
175
°C
Storage temperature
Tstg
−65 to +175
°C
Notes
: 1. Reverse voltage in excess of peak reverse voltage may deteriorate electrical characteristic.
2. Within 1s forward surge current.
Electrical Characteristics
(Ta = 25
°C)
Item
Symbol
Min
Typ
Max
Unit
Test Condition
IR1
—
—
200
nA
VR = 250 V
Reverse current
IR2
—
—
100
µA
VR = 300 V
Forward voltage
VF
—
—
1.0
V
IF = 100 mA
Capacitance
C
—
1.5
—
pF
VR = 0 V, f = 1 MHz
Reverse recovery time
trr
—
—
100
ns
IF = IR = 30 mA, Irr = 3 mA, RL = 100 Ω



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com