Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1SS119 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 1SS119
Description  Silicon Epitaxial Planar Diode for High Speed Switching
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

1SS119 Datasheet(HTML) 3 Page - Renesas Technology Corp

  1SS119 Datasheet HTML 1Page - Renesas Technology Corp 1SS119 Datasheet HTML 2Page - Renesas Technology Corp 1SS119 Datasheet HTML 3Page - Renesas Technology Corp 1SS119 Datasheet HTML 4Page - Renesas Technology Corp 1SS119 Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
1SS119
Rev.3.00 Mar 23, 2005 page 3 of 4
Main Characteristic
0
0.2
0.8
0.6
1.0
0.4
1.2
010
30
40
20
50
Ta = 75
°C
Ta = 125
°C
Ta = 25
°C
1.0
10
10
1.0
100
f = 1MHz
10
–4
10
–3
10
–2
10
–1
0.1
10
–5
10
–6
10
–4
10
–7
10
–8
10
–9
Fig.2 Reverse current vs. Reverse voltage
Reverse voltage VR (V)
Fig.1 Forward current vs. Forward voltage
Forward voltage VF (V)
Fig.3 Capacitance vs. Reverse voltage
Reverse voltage VR (V)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com