Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1SS270 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 1SS270
Description  Silicon Epitaxial Planar Diode for High Speed Switching
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

1SS270 Datasheet(HTML) 1 Page - Renesas Technology Corp

  1SS270 Datasheet HTML 1Page - Renesas Technology Corp 1SS270 Datasheet HTML 2Page - Renesas Technology Corp 1SS270 Datasheet HTML 3Page - Renesas Technology Corp 1SS270 Datasheet HTML 4Page - Renesas Technology Corp 1SS270 Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
REJ03G0566-0400 Rev.4.00 Sep 29, 2008
Page 1 of 4
1SS270
Silicon Epitaxial Planar Diode for High Speed Switching
REJ03G0566-0400
Rev.4.00
Sep 29, 2008
Features
• Low capacitance. (C = 3.0 pF max)
• Short reverse recovery time. (t
rr = 3.5 ns max)
• Small glass package (MHD) enables easy mounting and high reliability.
Ordering Information
Part No.
Cathode Band
Package Name
Package Code
1SS270
Light Blue
MHD
GRZZ0002ZC-A
Pin Arrangement
1
2
Cathode band
1. Cathode
2. Anode


Similar Part No. - 1SS270

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
1SS270 HITACHI-1SS270 Datasheet
23Kb / 5P
Silicon Epitaxial Planar Diode for High Speed Switching
logo
Leshan Radio Company
1SS270 LRC-1SS270 Datasheet
82Kb / 3P
SWITCHING DIODES
logo
SEMTECH ELECTRONICS LTD...
1SS270 SEMTECH_ELEC-1SS270 Datasheet
313Kb / 3P
SILICON EPITAXIAL PLANAR DIODE
1SS270 SEMTECH_ELEC-1SS270 Datasheet
584Kb / 3P
SILICON EPITAXIAL PLANAR DIODE
logo
Hitachi Semiconductor
1SS270A HITACHI-1SS270A Datasheet
23Kb / 5P
Silicon Epitaxial Planar Diode for High Speed Switching
More results

Similar Description - 1SS270

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
1SS118 HITACHI-1SS118 Datasheet
17Kb / 5P
Silicon Epitaxial Planar Diode for High Speed Switching
logo
Renesas Technology Corp
HSM2836C RENESAS-HSM2836C Datasheet
148Kb / 5P
Silicon Epitaxial Planar Diode for High Speed Switching
HSB123 RENESAS-HSB123 Datasheet
85Kb / 5P
Silicon Epitaxial Planar Diode for High Speed Switching
HSB2836 RENESAS-HSB2836 Datasheet
85Kb / 5P
Silicon Epitaxial Planar Diode for High Speed Switching
HSD119 RENESAS-HSD119 Datasheet
56Kb / 5P
Silicon Epitaxial Planar Diode for High Speed Switching
logo
Hitachi Semiconductor
1SS84 HITACHI-1SS84 Datasheet
21Kb / 3P
Silicon Epitaxial Planar Diode for High Speed Switching
logo
Renesas Technology Corp
1S2074 RENESAS-1S2074 Datasheet
238Kb / 5P
Silicon Epitaxial Planar Diode for High Speed Switching
1S2075 RENESAS-1S2075 Datasheet
144Kb / 5P
Silicon Epitaxial Planar Diode for High Speed Switching
RKS100KG RENESAS-RKS100KG Datasheet
85Kb / 5P
Silicon Epitaxial Planar Diode for High Speed Switching
HSB124S RENESAS-HSB124S Datasheet
85Kb / 5P
Silicon Epitaxial Planar Diode for High Speed Switching
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com